PART |
Description |
Maker |
CY7C09359A-6AC CY7C09349A-9AC CY7C09359A-9AC CY7C0 |
4K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 True dual-ported memory cells which allow simultaneous access of the same memory location
|
CYPRESS SEMICONDUCTOR CORP
|
CY7C026A-20AC CY7C026A-15AC CY7C036A-20AC CY7C036A |
Memory : Dual-Ports
|
Cypress
|
CY7C09269V-12AC CY7C09289V-9AI CY7C09379V-12AC CY7 |
Memory : Dual-Ports True Dual-Ported memory cells which allow simultaneous access of the same memory location 3.3V 16K/32K/64K x16/18 Synchronous Dual-Port Static RAM 3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM SYNC SRAM|32KX18|CMOS|QFP|100PIN|PLASTIC SYNC SRAM|64KX16|CMOS|QFP|100PIN|PLASTIC SYNC SRAM|32KX16|CMOS|QFP|100PIN|PLASTIC SYNC SRAM|16KX16|CMOS|QFP|100PIN|PLASTIC SYNC SRAM|16KX18|CMOS|QFP|100PIN|PLASTIC 同步静态存储器| 16KX18 |的CMOS | QFP封装| 100引脚|塑料
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor, Corp.
|
GMS34004TM GMS34112TM GMS34140TM |
4-bit single chip microcomputer. Program memory 512 bytes. Data memory 32 x 4. Input ports 4. Output ports 6. Operating frequency 2.4MHz-4MHz at MHz version 4-bit single chip microcomputer. Program memory 1.024 bytes. Data memory 32 x 4. I/O ports 4. Input ports 4. Output ports 6. Operating frequency 2.4MHz-4MHz at MHz version. Low operating voltage 2.2-4.5V 4-bit single chip microcomputer. Program memory 1.024 bytes. Data memory 32 x 4. I/O ports 4. Input ports 4. Output ports 10. Operating frequency 2.4MHz-4MHz at MHz version. Low operating voltage 2.2-4.5V
|
Hynix Semiconductor
|
20PT1024SX |
10/100 BASE-TX DUA PORT TRANSFORMER
|
Bothhand USA, LP.
|
CY7C09359AV-9AC CY7C09349AV CY7C09349AV-12AC CY7C0 |
Memory : Dual-Ports 3.3V 4K/8K x 18 Synchronous Dual-Port Static RAM 8K X 18 DUAL-PORT SRAM, 9 ns, PQFP100 4K X 18 DUAL-PORT SRAM, 12 ns, PQFP100 3.3V 4K x 18 Synchronous Dual-Port Static RAM(3.3V 4K x 18 ???????i???RAM)
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
K5A3240YTC-T855 K5A3340YBC-T855 K5A3240YBC-T855 K5 |
SPECIALTY MEMORY CIRCUIT, PBGA69 Multi-Chip Package MEMORY 32M Bit (4Mx8/2Mx16) Dual Bank NOR Flash Memory / 4M(512Kx8/256Kx16) Full CMOS SRAM
|
http:// SAMSUNG SEMICONDUCTOR CO. LTD.
|
ARK-3381 ARK-3381-2S0B1E ARK-3381-2S4B1E |
Seven Serial Ports and 2 Printer Ports, Compact System
|
Advantech Co., Ltd.
|
EP830DGGAF-1G |
4 COM ports, 4 USB 2.0 and 2 IEEE 1394a ports
|
Axiomtek Co., Ltd.
|
AX92801 |
Dual Gigabit ports with LAN bypass function
|
Axiomtek Co., Ltd.
|
FGP-2410 |
24 PoE-Plus Fast Ethernet ports and 2 Gigabit combo (RJ-45/SFP) ports IEEE 802.3af/at PoE compliant to simplify deployment and installation
|
Level One
|