PART |
Description |
Maker |
BCM3034 |
Universal 1024-QAM Modulator UNIVERSAL ADVANCED DOWNSTREAM MODULATOR
|
Broadcom Corporation.
|
STEL-1209 |
BPSK/QPSK/16K QAM Burst Modulator Assembly From old datasheet system
|
Intel
|
AT76C651B |
Digital Reception/ Transmission IC Integrated DVB compliant QAM Demodulator A DVB-compliant Quadrature Amplitude Modulation (QAM) demodulation circuit which can be used in DVB and other applications using Quadrature Phase Shift Keying (OPSK) or QAM transmission systems. The AT76C651B uses direct IF sampling or bas
|
ATMEL[ATMEL Corporation]
|
TH7888AVRHN TH7888AVRHRB |
Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
|
Atmel Corp.
|
FT18/TG |
IMAGE SENSOR-CCD, 1024(H) X 1024(V) PIXEL, RECTANGULAR, THROUGH HOLE MOUNT
|
TELEDYNE DALSA
|
ZL50017 |
1024 x 1024 Channels Selectable Rate (2, 4, 8 Mbps) Non-blocking TDM Switch
|
ZARLINK
|
AD5235 AD5235BRU25 AD5235BRU250 |
Audio digital potentiometers DUAL 250K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 1024 POSITIONS, PDSO16 Nonvolatile Memory/ Dual 1024 Position Digital Potentiometers RES MF 1/8W 160K 1% 2PPM Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
S9737-15 |
1024 x 1024 pixels, front-illuminated FFT-CCDs
|
Hamamatsu Corporation
|
TAT2814A1L-15 |
DOCSIS 3.0 / Edge QAM Variable Gain Amplifier
|
TriQuint Semiconductor
|
LC87F5164A |
8-Bit Single Chip Microcontroller with 64KB(65535 ×8 bits) FEPROM and 1024 Byte(1024 ×8 bits) RAM On Chip(8位单片微控制器(带片4K5535 ×8 bit)字节闪速EPROM024
|
Sanyo Electric Co.,Ltd.
|
BCM352006 BCM3431 BCM3520 BCM3418 |
ATSC/NTSC/QAM DIGITAL CABLE READY DTV RECEIVER
|
http:// BOARDCOM[Broadcom Corporation.]
|