PART |
Description |
Maker |
BC327-16 BC328-16 BC327 BC327-25 BC327-40 BC328-40 |
Si-Epitaxial PlanarTransistors 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE/ SWITCHING) Amplifier Transistors(PNP) PNP general purpose transistor
|
KEC(Korea Electronics) Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Motorola Inc Philips Semiconductors
|
2PB709ART 2PB709ART.215 |
45 V, 100 mA PNP general-purpose transistor PNP general-purpose transistor in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
|
NXP Semiconductors N.V.
|
ELEMD6R8JA ELEMD6R8KA ELEXH220KA ELEKN390JA ELEXHR |
1 ELEMENT, 6.8 uH, GENERAL PURPOSE INDUCTOR AXIAL LEADED 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 0.82 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 27 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 560 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 56 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 4700 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 470 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 390 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 82 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2.2 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 18 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1800 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 120 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3.9 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3900 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 68 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 680 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 5.6 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 15 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 5600 uH, GENERAL PURPOSE INDUCTOR
|
Panasonic, Corp. PANASONIC CORP
|
2PA1774SM 2PA1774M 2PA1774QM 2PA1774RM |
2PA1774M series; PNP general purpose transistor PNP general purpose transistor PNP通用型晶体管
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
KTC9015S |
General Purpose Transistor EPITAXIAL PLANAR PNP TRANSISTOR GENERAL PURPOSE SWITCHING APPLICATION
|
Korea Electronics (KEC) KEC(Korea Electronics)
|
MSB92T1G |
PNP Silicon General Purpose High Voltage Transistor SS SC59 HV XSTR PNP 300V 150 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
BC640 BC640-16G BC640ZL1G BC640G |
High Current Transistors General Purpose Transistor PNP; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 General Purpose Transistor PNP; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
CSB1116 CSB1116A CSB1116G CSB1116L CSB1116Y |
0.750W General Purpose PNP Plastic Leaded Transistor. 50V Vceo, 1.000A Ic, 135 - 600 hFE 0.750W General Purpose PNP Plastic Leaded Transistor. 60V Vceo, 1.000A Ic, 135 - 400 hFE 0.750W General Purpose PNP Plastic Leaded Transistor. 60V Vceo, 1.000A Ic, 200 - 400 hFE 0.750W General Purpose PNP Plastic Leaded Transistor. 60V Vceo, 1.000A Ic, 300 - 600 hFE 0.750W General Purpose PNP Plastic Leaded Transistor. 60V Vceo, 1.000A Ic, 135 - 270 hFE
|
Continental Device India Limited
|
2N5087J18Z 2N5087TF 2N5087J61Z |
PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Tape & Reel 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
|