PART |
Description |
Maker |
ISL6262ACRZ ISL6262ACRZ-T ISL6262A ISL6262AIRZ ISL |
Two-Phase Core Controller(Santa Rosa, IMVP-6 ) Two-Phase Core Controller Santa Rosa, IMVP-6 2-Phase Core Controller (Santa Rosa, IMVP-6 ); Temperature Range: 0°C to 70°C; Package: 48-QFN T&R
|
Intersil Corporation
|
MAX17482GTL MAX17021GTL MAX17082GTL MAX17021 MAX17 |
Dual-Phase, Quick-PWM Controllers for IMVP-6 /IMVP-6.5 CPU Core Power Supplies DUAL SWITCHING CONTROLLER, 800 kHz SWITCHING FREQ-MAX, QCC40
|
MAXIM INTEGRATED PRODUCTS INC
|
ISL6218CRZ ISL6218CV ISL6218CVZ ISL6218CVZA ISL621 |
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV Single Phase IMVP-IV Controller for Intel Pentium M; Temperature Range: 0°C to 70°C; Package: 40-QFN T&R SWITCHING CONTROLLER, 275 kHz SWITCHING FREQ-MAX, PQCC40 Single Phase IMVP-IV Controller for Intel Pentium M; Temperature Range: 0°C to 70°C; Package: 40-QFN SWITCHING CONTROLLER, 275 kHz SWITCHING FREQ-MAX, PQCC40 Single Phase IMVP-IV Controller for Intel Pentium M; Temperature Range: 0°C to 70°C; Package: 38-TSSOP SWITCHING CONTROLLER, 275 kHz SWITCHING FREQ-MAX, PDSO38
|
Intersil Corporation Intersil, Corp.
|
MAX17030GTL MAX17036GTL |
1/2/3-Phase Quick-PWM IMVP-6.5 VID Controllers
|
Maxim Integrated Products
|
MAX17582GTM MAX17582 |
Dual-Phase, Quick-PWM Controller for IMVP-6.5 CPU Core Power Supplies
|
Maxim Integrated Products
|
TSC21020F-20MA/883 TSC21020F-20MASB TSC21020F-20MA |
IC CYCLONE III FPGA 16K 484FBGA IC CYCLONE III FPGA 16K 164 MBGA IC CYCLONE III FPGA 25K 256 FBGA IC CYCLONE III FPGA 55K 484FBGA IC CYCLONE III FPGA 40K 484 UBGA IC CYCLONE III FPGA 25K 324 FBGA IC CYCLONE III FPGA 40K 484UBGA IC CYCLONE III FPGA 40K 324 FBGA IC CYCLONE III FPGA 40K 780 FBGA IC CYCLONE III FPGA 40K 484FBGA IC CYCLONE III FPGA 40K 780FBGA FPGA, CYCLONE III, 40K LE, 240 PQFP Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:128; IC CYCLONE III FPGA 25K 144 EQFP IC CYCLONE III FPGA 16K 256 UBGA FPGA, CYCLONE III, 40K LE, 324FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:195; IC CYCLONE III FPGA 16K 256FBGA 数字信号处理器| 32位|的CMOS | RAD数据通信硬|美巡赛| 223PIN |陶瓷 IC CYCLONE III FPGA 16K 240PQFP
|
TE Connectivity, Ltd.
|
TSC251G1DXXX-L12CB TSC251G1DXXX-L12CED TSC251G1DXX |
FPGA, CYCLONE III, 5K LE, 164MQFP Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:106; IC CYCLONE III FPGA 5K 256-UBGA IC CYCLONE III FPGA 55K 484 UBGA IC CYCLONE III FPGA 55K 780 FBGA IC CYCLONE III FPGA 55K 780FBGA 8-BIT MICROCONTROLLER 8位微控制
|
Cypress Semiconductor Corp. Electronic Theatre Controls, Inc.
|
ISL95835HRZ-T ISL95835IRZ ISL95835IRZ-T |
3 1 and 1 1 Voltage Regulator for IMVP-7/VR12 CPUs
|
Intersil Corporation
|
ISL62882HRTZ ISL62882IRTZ ISL62882BHRTZ |
Multiphase PWM Regulator for IMVP-6.5?Mobile CPUs and GPUs Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs; Temperature Range: -40°C to 85°C; Package: 40-TQFN SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PQCC40 Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs; Temperature Range: Hi-Temp Comm; Package: 40-TQFN SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PQCC40
|
Intersil Corporation Intersil, Corp.
|
ISL95833B |
Dual 2 1 PWM Controller for IMVP-7/VR12 CPUs
|
Renesas Electronics Corporation
|
ISL62883 ISL62883B ISL62883BHRTZ ISL62883BHRTZ-T I |
Multiphase PWM Regulator for IMVP-6.5垄芒 Mobile CPUs
|
Intersil Corporation
|