PART |
Description |
Maker |
5.0SMLJ43A 5.0SMLJ43CA 5.0SMLJ200A 5.0SMLJ20A |
Transient Voltage Suppressor 11 to 400 Volts 5000 Watt
|
Micro Commercial Compon...
|
5KP22 5KP33A 5KP40A 5KP40 5KP51A 5KP28A 5KP6.0A |
5000 Watt Transient Voltage Suppressors 5.0 to 110 Volts
|
MCC[Micro Commercial Components]
|
SEN-R-1050-004 SEN-R-1050-XXX SEN-R-1050-001 SEN-R |
TRANSIENT VOLTAGE SUPPRESSOR 5000 WATT SERIES GLASS PASSIVATED DIE/CELL
|
SENSITRON[Sensitron]
|
5KP7.0A 5KP6.0A 5KP8.0A 5KP6.5CA 5KP9.0CA 5KP8.0CA |
Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor 硅雪崩二极管- 5000瓦特轴向引线型瞬态电压抑制器 DIODE FAST REC 400V 20A DO-5 硅雪崩二极管- 5000瓦特轴向引线型瞬态电压抑制器 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Littelfuse, Inc. Surge Components, Inc.
|
SA110C SA43A SA160 SA14 |
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 500瓦峰值功率瞬态电压抑制器 /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RES 2.74K OHM 1/10W .1% 0805 SMD 500W TRANSIENT VOLTAGE SUPPRESSORS 500 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 110.00 V. Test current IT = 1 mA.
|
Won-Top Electronics Co., Ltd. Bytes
|
ST5KA110 ST5AK5.0 ST5KA5.0 T00027 T00027-15 |
5000 WATT 5.0-110 VOLTS TRANSIENT SUPPRESSORS
|
SSDI[Solid States Devices, Inc] Solid States Devices, I...
|
P4KE250A P4KE24 P4KE47 P4KE220A P4KE47A P4KE170C P |
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 400瓦峰值功率瞬态电压抑制器 12-Bit, 165MSPS SpeedPlus(TM) DAC Scalable Current Outputs between 2mA to 20mA 28-SOIC -40 to 85 400 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 138.00 V. Test current IT = 1 mA. 400 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 171.00 V. Test current IT = 1 mA.
|
Microsemi Bytes
|
DO-214AA SMB/DO-214AA SMBJ58CA |
600 Watt Transient Voltage Suppressors 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressors 600瓦瞬态电压抑制器
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
5KP22 5KP40 5KP28A 5KP28 5KP45 5KP75 5KP65 5KP48 5 |
GPP TRANSIENT VOLTAGE SUPPRESSOR 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
RECTRON[Rectron Semiconductor]
|
15KPJ45 15KPJ45A 15KPJ45C 15KPJ45CA 15KPJ58 15KPJ5 |
Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 376 V @ Ipp = 40 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/243.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 308 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 220 V. Vbr(min/max) = 242/310.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 394 V @ Ipp = 38 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/154.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 196 V @ Ipp = 77 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/205.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 259 V @ Ipp = 58 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/226.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 287 V @ Ipp = 52 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/182.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 231 V @ Ipp = 65 A. Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/169.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 214 V @ Ipp = 70 A. GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特175000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特75000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压220伏特75000脉冲峰值功率) Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/153.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 193 V @ Ipp = 78 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/165.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 209 V @ Ipp = 72 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/217.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 275 V @ Ipp = 55 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/140.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 177 V @ Ipp = 85 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/239.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 304 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/267.4 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A. Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A.
|
Pan Jit International I... PANJIT[Pan Jit International Inc.] PanJit International Inc. PanJit International, Inc.
|
5.0SMCJ 5.0SMCJ58A 5.0SMCJ60A 5.0SMCJ70A 5.0SMCJ75 |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
|
Pan Jit International Inc.
|