PART |
Description |
Maker |
2SA20881 2SB11321 2SB11841 2SB1198K1 2SB12601 2SB1 |
Medium power transistor (?60V, ?0.5A) Medium Power Transistor (?32V,?1A) Power Transistor (?60V, ?3A) Low-frequency Transistor (-80V, -0.5A) Power Transistor (?80V, ?1A) Low VCE(sat) Transistor (?20V, ?3A) Power transistor (?20V, ?2A) General purpose amplification (?30V, ?1A) Low frequency amplifier Medium power transistor (−60V, −0.5A)
|
ROHM[Rohm]
|
2SD2318 2SD2318V |
High-current gain Power Transistor (-60V/ -3A) Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset High-current gain Power Transistor(60V/ 3A) High-current gain Power Transistor(60V, 3A)
|
Rohm CO.,LTD.
|
2SD313 2SD313D |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-220AB 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3A条一(c)| TO - 220AB现有 POWER TRANSISTORS(3A/60V/30W) POWER TRANSISTORS(3A,60V,30W)
|
Mospec Semiconductor, Corp. MOSPEC[Mospec Semiconductor]
|
2SD880 2SD880O |
POWER TRANSISTORS(3A/60V/30W) TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-220AB POWER TRANSISTORS(3A,60V,30W)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
STD12NE06L STD12NE06L-1 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 12A I(D) | TO-251AA 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 12A条(丁)|51AA N - CHANNEL 60V - 0.09ohm- 12A TO-251/TO-252 STripFET POWER MOSFET N-CHANNEL POWER MOSFET
|
California Eastern Laboratories, Inc. STMicroelectronics ST Microelectronics
|
2SA2093 |
Power transistor ( 60V/2A) Power transistor (−60V, −2A) Power transistor (-60V, -2A)
|
ROHM[Rohm]
|
IRFIZ48G IRFIZ48 IRFIZ48GPBF |
Power MOSFET(Vdss=60V/ Rds(on)=12mohm/ Id=39A) Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=37A) 功率MOSFET(减振钢板基本\u003d 60V的,的Rdson)\u003d 0.018ohm,身份证\u003d 37A条) Power MOSFET(Vdss=60V Rds(on)=0.018ohm Id=37A) 60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
2SC582509 |
Power transistor (60V, 3A)
|
Rohm
|
2SC58242 |
Power transistor (60V, 3A)
|
Rohm
|
2SC5880 |
Power transistor (60V/ 2A) Power transistor (60V, 2A)
|
Rohm
|
2SB1565 |
Power Transistor (-60V, -3A)
|
ROHM[Rohm]
|