PART |
Description |
Maker |
2SB798 2SB798-T2 2SB798-T1 2SB794L 2SB798DK-AZ 2SB |
1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR MINIMOLD PACKAGE-3 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 1.5A I(C) | TO-126 PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD Silicon transistor
|
IRC Advanced Film NEC[NEC]
|
OC70 OC75 OC66 2N217 OC74 OC65 OC73 OC76 OC77 OC78 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 150MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 250MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 500mA的一(c)|
|
APEM SA
|
KSB1149 KSB1149OS KSB1149OSTU KSB1149YS KSB1149YST |
PNP Silicon Darlington Transistor PNP Epitaxial Silicon Transistor Low Collector Saturation Voltage Built-in Damper Diode at E-C
|
FAIRCHILD[Fairchild Semiconductor]
|
FCX790A FCX790ATA FCX790A-15 |
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR TRANSISTOR PNP-40V -2000MA SOT89 2000 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Zetex Semiconductor PLC
|
2SA812 2SA812M6 2SA812M4 2SA812M5 2SA812M7 2SB812- |
Silicon transistor AUDIO FREQUENCY,GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD AUDIO FREQUENCY/GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 100MA I(C) | SOT-346
|
NEC
|
BC327-25RL1 BC327-25ZL1 BC327-40ZL1 BC327-040 BC32 |
Transistor Silicon PlasticPNP Transistor Silicon Plastic PNP Amplifier Transistors PNP Silicon
|
ON Semiconductor
|
MMUN2134LT1 MMUN2111LT1 MMUN2112LT1 MMUN2113LT1 MM |
Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network SSP PNP PNP SILICON BIAS RESISTOR TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
ONSEMI[ON Semiconductor]
|
MPS4126 MPS4126RLRA MPS4126-D |
Amplifier Transistor PNP Silicon Small Signal General Purpose PNP AMPLIFIER TRANSISTOR(PNP SILICON)
|
ON Semiconductor
|
BC556B BC556 BC558B BC557B BC557C BC557A |
PNP Amplifier Transistor(集电发射极电45V,集电极-基极电压-50V的PNP放大器晶体管) 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA Amplifier Transistors(PNP Silicon) From old datasheet system
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor]
|
2SD414 2SD415 2SB548 2SB549 2SD414Q 2SD414Q-AZ |
800 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR PNP/NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS (2SB548) PNP/NPN Silicon Epitaxial Transistor
|
NEC[NEC]
|
KSA733YIUTA KSA733CGBU KSA733CGBUNL |
PNP Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Epitaxial Silicon Transistor 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|