PART |
Description |
Maker |
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M38869FFAGP M38869FFAHP M38869M8A-012HP M38869M8A- |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 256bytes single chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer 3885 Series Microcontrollers: Keyboard Controller for Notebook PC 3886GROUP RAM size: 192bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M16C30L M16C30M8 M16C30MA M16C30MC M3030M8 M3030MA |
16-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP100 14 X 20 MM, 0.65 MM PITCH, PLASTIC, QFP-100 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16CMOS微机 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 (M30302Mx) Single-Chip 16-Bit CMOS Microcomputer
|
Renesas Electronics, Corp. Renesas Electronics Corporation. http://
|
UPD70F3040GM-UEU UPD70F3040YGM-UEU UPD70F3003AGCA- |
32-bit RISC single-chip microcontroller "V850/SV1" 32-bit single-chip microcomputer 32-bit RISC single-chip microcontroller "V850/SA1" 32-bit RISC single-chip microcontroller(V850/SB1) 32-bit RISC single-chip microcontroller(V850/SB2) 32-bit RISC single-chip microcontroller with CAN controller
|
NEC
|
LPC2124 |
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC Single Chip 32-bit Microcontroller Erratasheet
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
UPD78F0034B UPD780023AY UPD780021AY UPD780022AY UP |
8 Bit Single Chip Microcontroller 8-BIT SINGLE-CHIP MICROCONTROLLERS 8-BIT, FLASH, 8.38 MHz, MICROCONTROLLER, PBGA73 9 X 9 MM, PLASTIC, FBGA-73
|
http:// NEC Corp. Electronic Theatre Controls, Inc.
|
UPD78054GC-XXX-3B9 UPD78055GC-XXX-3B9 UPD78053GCA- |
8-BIT SINGLE-CHIP MICROCONTROLLER 8位微控制 8-BIT SINGLE-CHIP MICROCOMPUTER
|
NEC TOKIN America Inc. NEC TOKIN, Corp.
|