PART |
Description |
Maker |
TMP86PH06U TMP86PH06N |
CMOS 8 BIT MICROCONTROLLER 的CMOS 8位微控制 8-Bit Microcontroller TLCS-870 Family CMOS 8-Bit Microcontroller
|
Toshiba, Corp.
|
SAF-C502-LN SAB-C502-LN Q67120-C884 Q67120-C886 Q6 |
High Speed CMOS Logic Quad 2-Input OR Gates 14-SOIC -55 to 125 High Speed CMOS Logic 8-Input NAND Gate 14-SO -55 to 125 8-Bit CMOS Microcontroller 8-BIT, MROM, 6 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, MROM, 20 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, MROM, 6 MHz, MICROCONTROLLER, PDIP40 8-Bit CMOS Microcontroller 8-BIT, MROM, 10 MHz, MICROCONTROLLER, PDIP40 8-Bit CMOS Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC44 High Speed CMOS Logic 8-Input NAND Gate 14-SOIC -55 to 125 8位CMOS微控制器 8-Bit CMOS Microcontroller 8位CMOS微控制器
|
SIEMENS AG
|
SAB80C517A-N18-T3 SAB-80C517A-N18 SAB83C517A-N18-T |
8-Bit CMOS Single-Chip Microcontroller 8-BIT, 18 MHz, MICROCONTROLLER, PQCC84 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125 高速CMOS逻辑8态输出通用变换缓存SOIC-20封装 工作温度55℃_125
|
SIEMENS AG
|
SAB-C504-2R24M SAB-C504-2RM SAB-C504-LM SAB-C504-L |
8-Bit Microcontrollers - 8-Bit CMOS Microcontroller with mask-programmable ROM (24MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller with mask-programmable ROM (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (24MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for extended temperature ranges
|
Infineon
|
ST62E30BF1 ST6230BM1/XXX ST62P30BM3/XXX ST62P30BM6 |
MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|DIP|28PIN|CERAMIC MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|SOP|28PIN|PLASTIC IC, 60FBGA, 512MBIT DDR DRAM 60 PIN BGA 32MBX16 MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|DIP|28PIN|PLASTIC IC, MEM, SDRAM DDR166, 32 MEG X 16, 16 BIT, 6NS, 2.5V, FBGA60 单片机| 8位| ST6200的CPU |的CMOS |专科| 28脚|塑料
|
Black Box, Corp.
|
P87LPC779 P87LPC779FDH |
CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP IC,MICROCONTROLLER,8-BIT,8051 CPU,CMOS,TSSOP,20PIN,PLASTIC
|
PHILIPS[Philips Semiconductors]
|
MB90346ASPFV MB90347APF MB90347APFV MB90349CAPFV M |
16-bit Proprietary Microcontroller CMOS 16-BIT, MROM, 24 MHz, MICROCONTROLLER, PQFP100 16-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP100 PLASTIC, QFP-100 16-bit Proprietary Microcontroller CMOS
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Component Limited. Fujitsu Component Limit...
|
E0C6SB32Q14 E0C6S32 |
4-Bit Microcontroller Advanced Single-Chip CMOS 4-Bit Microcomputer Consisting of the E0C6200A 4-Bit CMOS Core CPU,SVD Circuit/Comparator,Event Counter(4位高级的、CMOS、单片微型计算机(含4位E0C62000A中央处理器核SVD电路/比较事件计数器))
|
爱普生(中国)有限公
|
UPD78F0988ACW UPD78F0988AGC-8BS UPD78F0988AGC-AB8 |
MICROCONTROLLER|8-BIT|UPD78K0 CPU|CMOS|SDIP|64PIN|PLASTIC 8-BIT MICROCONTROLLER MICROCONTROLLER|8-BIT|UPD78K0 CPU|CMOS|QFP|64PIN|PLASTIC 单片机| 8位| UPD78K0的CPU |的CMOS | QFP封装| 64管脚|塑料
|
Princeton Technology, Corp.
|
W78C32C W78C32C-24 W78C32C-40 W78C32CF-24 W78C32CF |
From old datasheet system 8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 8-BIT MICROCONTROLLER 8-BIT, 40 MHz, MICROCONTROLLER, PQFP44 FUSE 2A00 250V 5.0X20 MM S CR 8-BIT, 40 MHz, MICROCONTROLLER, PQCC44 8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PDIP40
|
WINBOND[Winbond] Winbond Electronics Corp Winbond Electronics, Corp.
|
MSM66207 MSM66P207 |
OLMS-66K Series 16-Bit Microcontroller OKI ORIGINAL HIGH PERFORMANCE CMOS SINGLE CHIP 8/16-BIT MICROCONTROLLER
|
OKI electronic components OKI[OKI electronic componets]
|
|