PART |
Description |
Maker |
7MBR15NE120 |
IGBT MODULE(1200V/15A/PIM) 15 A, 1200 V, N-CHANNEL IGBT
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
3MBI150U-120 |
IGBT Module U-Series 1200V / 150A 3 in one-package 1200V / 150A 3 in one-package 200 A, 1200 V, N-CHANNEL IGBT
|
List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc. Fuji Electric Holdings Co., Ltd.
|
3MBI150UC-120 |
1200V / 150A 3 in one-package 200 A, 1200 V, N-CHANNEL IGBT IGBT Module U-Series 1200V / 150A 3 in one-package
|
Fuji Electric Holdings Co., Ltd. Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
AM29845AJC AM29845A/BLA AM29845ADMB AM29845APC AM2 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package; A IRG4BC30K with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50K with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC40U with Standard Packaging 600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package; Similar to IRG4PC40K with Lead Free Packaging 1200V UltraFast 8-25 kHz Single IGBT in a TO-274AA package; A IRGPS40B120U with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50U with Standard Packaging 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package; A IRG4PSH71U with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a D2-Pak package; A IRG4BH20K-S with Standard Packaging 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50F with Standard Packaging 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50U with Standard Packaging 10-Bit D-Type Latch 600V Warp 60-150 kHz Discrete IGBT in a TO-262 package; A IRG4BC40WL with Standard Packaging 8位D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
Bourns, Inc.
|
IHW15T120 |
IGBTs & DuoPacks - 15A / 1200V IGBT and 9A / 1200V Diode in DuoPack IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
|
Infineon
|
HGT1S11N12 HGTG11N120CN HGT1S11N120CNS HGTP11N120C |
From old datasheet system 43A 1200V NPT Series N-Channel IGBT 43A/ 1200V/ NPT Series N-Channel IGBT 43A, 1200V, NPT Series N-Channel IGBT(43A, 1200V NPT系列N沟道绝缘栅双极型晶体 43 A, 1200 V, N-CHANNEL IGBT, TO-263AB
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
20MT120UF 20MT120UFPBF |
40 A, 1200 V, N-CHANNEL IGBT MTP, 18 PIN UltraFast NPT IGBT 1200V UltraFast 10-30 kHz Full-Bridge IGBT in a MTP package
|
Vishay Semiconductors IRF[International Rectifier]
|
IRG4PSH71K |
78 A, 1200 V, N-CHANNEL IGBT 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-274AA package
|
International Rectifier
|
HGTP1N120BN HGTD1N120BNS HGTD1N120BNS9A |
5.3A, 1200V, NPT Series N-Channel IGBT 5.3A, 1200V, NPT Series N-Channel IGBT 5.3 A, 1200 V, N-CHANNEL IGBT, TO-252AA TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 2.7A I(C) | TO-252AA 5.3 A, 1200 V, N-CHANNEL IGBT, TO-252AA
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRG4PSH71U IRG4PSH71UPBF |
99 A, 1200 V, N-CHANNEL IGBT INSULATED GATE BIPOLAR TRANSISTOR 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package
|
IRF[International Rectifier]
|