PART |
Description |
Maker |
BU9831/F |
Memory LSIs > EEPROM application products > Non-volatile electronic potentiometer
|
ROHM
|
TR3000 |
RFM products are now Murata products
|
Murata Manufacturing Co...
|
LEM2520 LEM2520T470J LBM2016T4R7J LBM2016T470J LBM |
Notice for TAIYO YUDEN products WIRE-WOUND CHIP INDUCTORS FOR SIGNAL LINES (LB SERIES M TYPE) Please read this notice before using the TAIYO YUDEN products.
|
Taiyo Yuden (U.S.A.), Inc Taiyo Yuden (U.S.A.), I...
|
IDTQS316233PA IDTQS316233 QS316233_DS_38582 IDTQS3 |
From old datasheet system QUICKSWITCH? PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32:16 MUX/DEMUX QUICKSWITCH?? PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32:16 MUX/DEMUX QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32:16 MUX/DEMUX 316233 SERIES, DUAL 8-BIT EXCHANGER, TRUE OUTPUT, PDSO56
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDTQS34XVH2245Q3 IDTQS34XVH2245 QS34XVH2245Q3 QS34 |
QuickSwitch Products 3.3V 32-Bit Bus Switch for Hot Swap Applications QUICKSWITCH㈢ PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH QUICKSWITCH? PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
|
IDT[Integrated Device Technology]
|
LC821031 |
Image-Processing IC for Facsimile, Copier,and OCR Products(应用于传真,复印机和光学字符识别产品的图象处理的大规模集成电路(LSI 图像处理传真,复印机集成电路,和OCR产品(应用于传真,复印机和光学字符识别产品的图象处理的大规模集成电路(LSI)的 Image-Processing IC for Facsimile, Copier, and OCR Products Image-Processing IC for Facsimile Copier and OCR Products
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
AM29F080B-75SC |
Flash Memory IC; Memory Size:8Mbit; Memory Configuration:1M x 8; Package/Case:44-SOIC; Supply Voltage:5V; Access Time, Tacc:75ns; Mounting Type:Surface Mount 1M X 8 FLASH 5V PROM, 70 ns, PDSO44
|
Spansion, Inc.
|
3100-30I17999CJ4-1611022-8 3100-30J17999CJ4-161102 |
Contactors; 3100-30J17999CJ=CONTACTOR ( Products Unlimited ) Contactors; 3100-30I17999CJ=CONTACTOR ( Products Unlimited )
|
Tyco Electronics
|
UN222X UNR2222 UNR2223 UNR2224 UNR2221 |
Silicon NPN epitaxial planar type Flash Memory IC; Leaded Process Compatible:Yes; Memory Configuration:128K x 8; Memory Size:1Mbit; Package/Case:32-PLCC; Supply Voltage Max:5.5V Flash Memory IC; Access Time, Tacc:120ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting Flash Memory IC; Access Time, Tacc:45ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting POT THUMBWHEEL 10K OHM LINEAR
|
Panasonic Semiconductor Panasonic Corporation
|