PART |
Description |
Maker |
PC9S12XS64J1MALR PC9S12XS64J1VALR PC9S12XS256J1VAL |
16-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP112 20 X 20 MM, 1.40 MM HEIGHT, 0.65 MM PITCH, MS-026BFA, LQFP-112 HCS12 Microcontrollers HCS12 Microcontrollers
|
Freescale Semiconductor, Inc. Freescale Semiconductor...
|
P89LPC925FDH P89LPC924FDH P89LPC925FN P89LPC925 P8 |
P89LPC924/925; 8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter (P89LPC924 / P89LPC925) 8-bit microcontrollers
|
NXP Semiconductors Philips Semiconductors
|
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|
MB89589B MB89585BW MB89585B MB89583BW MB89583B E71 |
F2MC-8L/Low Power/Low Voltage Microcontrollers Micro controller 8-Bit Proprietary F2MC-8L Family Internal USB Product From old datasheet system 8-bit Proprietary Microcontrollers
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
PIC18F4580 PIC18F2580 PIC18F2480 18F258 PIC18F2580 |
28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology 28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology 10-Bit A/D and nanoWatt Technology (PIC18F2480 / 2580 / 4480 / 4580) Enhanced Flash Microcontrollers Microcontroller - Datasheet Reference
|
MICROCHIP[Microchip Technology] Microchip Technology Inc
|
SAB-C161PI-L25FCA SAB-C161PI-L25MCA SAB-C161PI-LF3 |
16-Bit Microcontrollers - 0C - 70C, 25MHz, P-TQFP-100 Consumer Class 16-bit Microcontroller 16-Bit Microcontrollers - 0C - 70C, 25MHz, P-MQFP-100 16-Bit Microcontrollers - 0C - 70C, 20MHz, P-TQFP-100, 3V 16-Bit Microcontrollers - 0C - 70C, 20MHz, P-MQFP-100, 3V 16-Bit Microcontrollers - -40C - 85C, 25MHz, P-TQFP-100 16-Bit Microcontrollers - -40C - 85C, 25MHz, P-MQFP-100 16-Bit Microcontrollers - -40C - 85C, 20MHz, P-TQFP-100 16-Bit Microcontrollers - -40C - 85C, 20MHz, P-MQFP-100, 3V 16-Bit Microcontrollers - -40C - 85C, 20MHz, P-MQFP-100
|
Infineon
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
AT91SAM7S128-AI ATMELCORP.-AT91SAM7S128-AI |
THUMB BASED MICROCONTROLLERS AT91 ARM Thumb-based Microcontrollers
|
Atmel Corp. ATMEL Corporation
|
S3C8274 S3F8274 S3F8278 |
(S3F827x) 8-BIT CMOS MICROCONTROLLERS (S3C827x) 8-BIT CMOS MICROCONTROLLERS
|
Samsung semiconductor
|
PIC24HJ128GP206A PIC24HJ128GP310A PIC24HJ128GP210A |
16-bit Microcontrollers (up to 256 KB Flash and 16 KB SRAM) with Advanced Analog 16-bit Microcontrollers with Advanced Analog
|
Microchip Technology
|
SAF-TC1130-L100EBBA SAF-TC1130-L150EBBA |
32-Bit Industrial &Communication Controller 32-Bit Microcontrollers - 100 MHZ, -40C/ 85c 32-Bit Microcontrollers - 150 MHZ, -40C/ 85c
|
Infineon
|
M68HC11CPU MC68B50 MC6802 |
8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS Single?Chip
Microcontrollers Single-Chip Microcontrollers (AMCU)
|
MOTOROLA[Motorola, Inc]
|