PART |
Description |
Maker |
JANS6761UR-1 1N5819UR 5819UR-1 6761UR-1 CDLL1A100 |
1A schottky barrier rectifier, 45V 1 AMP SCHOTTKY BARRIER RECTIFIERS 1 A, SILICON, SIGNAL DIODE, DO-213AB Quad Wide-Bandwidth High-Output-Drive Op Amp 20-HTSSOP 0 to 70 Schottky Rectifier
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
48CTQ060 48CTQ060S 48CTQ060-1 48CTQ060STRL 48CTQ06 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 40 Amp SCHOTTKY RECTIFIER 41 Amp SCHOTTKY RECTIFIER 42 Amp 60V 40A Schottky Common Cathode Diode in a TO-262 package 60V 40A Schottky Common Cathode Diode in a D2-Pak package
|
IRF[International Rectifier]
|
CD3A30 CD5822 CD3A20 CD3A40 CD5820 CD5821 JKC5822 |
SILICON DIOXIDE PASSIVATED 3 AMP SCHOTTKYBARRIER RECTIFIER CHIPS 40 V, 3 Amp schottky barrier rectifier chip
|
Compensated Deuices Inc... Compensated Devices Incorporated CDI-DIODE[Compensated Deuices Incorporated]
|
MBRD660CTT4G MBRD640CTT4 MBRD640CTT4G MBRD620CT MB |
Rectifier 6A 50V Schottky 6A 30V Schottky Rectifier Rectifier 6A 20V Schottky 6A 60V Schottky Rectifier SWITCHMODE Power Rectifiers 6A 40V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|
1N6840 1N6841 |
35 and 45 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER Schottky Rectifier
|
Microsemi Corporation
|
JKC5819 CD1A30 JHC5819 JHC6761 JKC6761 |
45 V, 1 Amp schottky barrier rectifier chip 1 AMP SCHOTTKY BARRIER RECTIFIER CHIPS 100 V, 1 Amp schottky barrier rectifier chip
|
Compensated Devices Incorporated
|
SS210 SS210-TP SS22-TP SS25-TP SS28-TP |
Lead Free Finish/Rohs Compliant (Note1) (PSuffix designates Compliant. See ordering information) 2 Amp Schottky Rectifier 20 to 100 Volts 2 Amp Schottky Rectifier 20 to 100 Volts
|
Micro Commercial Components Micro Commercial Compon...
|
MBR2045CT-1 MBRB2045CT MBR2045CT B2045CT |
20 Amp Schottky Rectifier(20 A ????烘?娴??) 20 Amp Schottky Rectifier(20 A 肖特基整流器)
|
International Rectifier
|
21DQ04 21DQ04TR |
40V 2A Schottky Discrete Diode in a DO-204AL package SCHOTTKY RECTIFIER(2 Amp)
|
International Rectifier
|
80CPT015 |
15V 80A Schottky Discrete Diode in a TO-247AC package SCHOTTKY RECTIFIER 80 Amp
|
IRF[International Rectifier]
|