PART |
Description |
Maker |
MAAM-007796-000SMB MAAM-007796-TR1000 MAAM-007796- |
Low Noise FTTx Amplifier 50 - 1000 MHz
|
M/A-COM Technology Solutions, Inc.
|
MAAM-008644-001SMB MAAM-008644-TR3000 MAAM-008644 |
Low Noise FTTx Amplifier 50 - 1000 MHz
|
MACOM[Tyco Electronics]
|
MAAM-007796-TR3000 MAAM-007796-000SMB MAAM-007796- |
Low Noise FTTx Amplifier 50 - 1000 MHz
|
MACOM[Tyco Electronics]
|
TC7652CPD TC7652 TC7652CPA |
Low Noise/ Chopper Stabilized Operational Amplifier Low Noise, Chopper Stabilized Operational Amplifier The TC7652 is a lower noise version of the TC7650, sacrificing some input specifications (bias current and bandwidth)to achieve a 10x reduction in noise.All the other benefits of the chopper technique are present,i.e.freedom from offset ad
|
MICROCHIP[Microchip Technology]
|
AA028N1-99 |
230 GHz Low Noise Amplifier GT 14C 10#12 4#16 SKT PLUG 23-30 GHz Low Noise Amplifier
|
Alpha Industries Inc Alpha Industries, Inc. ALPHA[Alpha Industries] http://
|
SBFP420M |
UHF to C Band Low-Noise Amplifier Low Phase Noise Osc.Applications
|
SANYO[Sanyo Semicon Device]
|
KTC3880 KTC3911 |
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH FREQUENCY LOW NOISE AMPLIFIER, VHF BAND AMPLIFIER) 外延平面NPN晶体管(高频低噪声放大器,甚高频波段放大器) EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AMPLIFIER)
|
KEC Holdings KEC(Korea Electronics)
|
TGA4600-EPU |
60 GHz Low-Noise Amplifier 60GHz Low Noise Amplifier
|
TRIQUINT[TriQuint Semiconductor]
|
K4S64323LF-DN15 K4S64323LF-DN15-PB K4S64323LF-DN1H |
2M X 32 SYNCHRONOUS DRAM, 9 ns, PBGA90 Replaced by TLC2202A : Advanced LinCMOS(TM) Low-Noise Precision Dual Operational Amplifier 14-SOIC 0 to 70 2Mx32移动SDRAM 90FBGA Replaced by TLC2202A : Advanced LinCMOS(TM) Low-Noise Precision Dual Operational Amplifier 14-SOIC 2Mx32移动SDRAM 90FBGA Replaced by TLC2202A : Advanced LinCMOS(TM) Low-Noise Precision Dual Operational Amplifier 8-PDIP 0 to 70 2Mx32移动SDRAM 90FBGA Low Noise Precision Advanced LinCMOS(TM) Dual Operational Amplifier 8-CDIP -55 to 125 2Mx32移动SDRAM 90FBGA Low Noise Precision Advanced LinCMOS(TM) Dual Operational Amplifier 20-LCCC -55 to 125 2Mx32移动SDRAM 90FBGA 2Mx32 Mobile SDRAM 90FBGA 2Mx32移动SDRAM 90FBGA Dual Rail-To-Rail Micropower Operational Amplifier 8-SOIC 0 to 70
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor]
|
5962R9569001VXC 5962R9569001V9A HS1-5104ARH/PROTO |
Op Amp, Quad 8MHz, Low Noise, Slew Rate 2V/s, Rad-Hard Radiation Hardened Low Noise Quad Operational Amplifier
|
http:// Intersil Corporation
|
AN1438 |
LOW NOISE AMPLIFIER OPTIMIZED FOR MINIMUM NOISE FIGURE AT 1.9GHZ USING START420
|
SGS Thomson Microelectronics
|