PART |
Description |
Maker |
AM500003V4 AM50-0003V4 |
High Dynamic Range Low Noise Amplifier
|
M/A-Com
|
CFB0301_06 CFB0301 CFB030106 |
High Dynamic Range Low Noise GaAs FET
|
MIMIX[Mimix Broadband]
|
TC2181 |
Low Noise and High Dynamic Range Packaged GaAs FETs
|
Transcom, Inc.
|
PB-CFB0301 |
High Dynamic Range Low-Noise GaAs FET 高动态范围低噪声砷化镓场效应
|
Mimix Broadband, Inc.
|
MAAMSS0045TR-3000 |
High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
|
M/A-COM Technology Solutions, Inc.
|
AM50-0003SMB |
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
|
M/A-COM Technology Solutions, Inc.
|
CFK0301-AK-0000 CFK0301-AK-000T |
900 MHz, high dynamic range dual, low-noise GaAs FET
|
CELERITEK
|
CFB0303 |
L BAND, GaAs, N-CHANNEL, RF SMALL SIGNAL, HEMFET High Dynamic Range Low Noise GaAs FET
|
MIMIX BROADBAND INC MIMIX[Mimix Broadband]
|
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MAX19586ETN-TD MAX19586ETNTD |
High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, QCC56
|
Maxim Integrated Products, Inc.
|
ENC270D-05B ENC390D-05B ENC470D-05B ENC560D-05B EN |
SMBus Accelerator (SMA); Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R µP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset; Temperature Range: -40°C to 85°C; Package: 8-PDIP Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN 5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN 性病检验手 STD MOV 性病检验手
|
TE Connectivity, Ltd. ZF Electronics, Corp.
|