PART |
Description |
Maker |
AN209 |
Using Terminator Technology in Stratix & Stratix GX Devices
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] Altera Corporation
|
EP2SGX60C EP2SGX30CF780C5N EP2SGX30D EP2SGX60CF780 |
Section I. Stratix II GX Device Data Sheet Support for numerous single-ended and differential I/O standards Section I. Stratix II GX Device Data Sheet
|
Altera Corporation
|
5SGXEB6R2F40C3N |
Stratix V Device Handbook
|
Altera Corporation
|
EP2S180 |
Stratix II Device Family
|
Altera Corporation
|
EP1S80B1508I7ES EP1S10B1508I7ES EP1S10B1508I6ES EP |
Stratix Device Family Data Sheet Stratix系列器件数据手册 Stratix Device Family Data Sheet
|
Altera, Corp. Intersil, Corp. Altera Corporation
|
YMU759B-Q |
Stratix II FPGA 60K FBGA-1020 通信集成电路
|
Electronic Theatre Controls, Inc.
|
ST20450-X40S |
Stratix II FPGA 130K FBGA-780 32位微处理
|
Integrated Silicon Solution, Inc.
|
WSFM045-SERIES WSFM051-SERIES XSFM050-SERIES XSFM0 |
Interface IC 接口IC Wirewound - Axial Lead - WW H 13 1% R Stratix FPGA 80K FBGA-1508
|
Ironwood Electronics
|
YMZ705F |
Stratix II GX FPGA 30K FPGA-780 工业控制IC
|
Electronic Theatre Controls, Inc.
|
ST2245P-4.000MHZ ST2245E-4.000MHZ ST2245EP-4.000MH |
IC ACEX 1K FPGA 50K 208-PQFP Crystal Oscillator FPGA, FLEX 6000, 24K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:6024; Logic IC function:EPF6024A; Voltage, supply:3.30V; Case style:PQFP; Gates, No. of:24000; I/O lines, No. of:171; Pins, No. of:208; Temp, op. RoHS Compliant: Yes IC MAX 7000 CPLD 128 100-TQFP IC ACEX 1K FPGA 30K 208-PQFP MAX 3000A CPLD 64 MC 44-PLCC Cyclone II FPGA 5K TQFP-144 Stratix II FPGA 60K FBGA-1020 Cyclone II FPGA 5K PQFP-208 Stratix II FPGA 30K FBGA-672 Cyclone FPGA 12K PQFP-240 MAX II CPLD 1270 LE 256-FBGA Stratix II FPGA 15K FBGA-484 IC APEX 20KE FPGA 100K Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:176; Package/Case:256-FBGA; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No RoHS Compliant: No Cyclone II FPGA 35K FBGA-672 CONFIGURATION DEVICE, 1.6MBIT, PLCC20; Memory type:Configuration FLASH; Interface type:Serial; Memory size:1.6Mbit; Frequency:16.7MHz; Temp, op. min:0(degree C); Temp, op. max:70(degree C); Case style:PLCC; Temperature, operating RoHS Compliant: Yes MAX 3000A CPLD 256 MC 144-TQFP 晶体振荡 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No; Mounting Type:surface mount RoHS Compliant: No
|
Pletronics
|
YQM0505-FEC YCMPB0507-FEC YCMPB0406-FEC |
Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:576; Peak Reflow Compatible (260 C):No; Mounting Type:surface mount RoHS Compliant: No MAX 3000A CPLD 256 MC 144-TQFP Stratix II FPGA 180K FBGA-1020 连接5MM/PG29
|
TE Connectivity, Ltd.
|