PART |
Description |
Maker |
QM20TD-H QM20 |
MEDIUM POWER SWITCHING USE INSULATED TYPE 122 x 32 pixel format, LED Backlight available
|
Mitsubishi Electric Sem... MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
CM30TF-12H |
122 x 32 pixel format, LED Backlight available 30 A, 600 V, N-CHANNEL IGBT Six-IGBT IGBTMOD 30 Amperes/600 Volts
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
SPX2940 SPX2940T-1.8 SPX2940T-2.5 SPX2940T3-12.0 S |
128 x 128 pixel format, LED Backlight available 1A低压降稳压器 240 x 64 pixel format, CFL, LED, or EL Backlight available 128 x 128 pixel format, LED or EL Backlight available 1A Low Dropout Voltage Regulators 1A Low Dropout Voltage Regulator Fixed Output, Fast Response 1A Low Dropout Voltage Regulator, 3%
|
Ecliptek, Corp. SIPEX[Sipex Corporation]
|
MBM29PL160BD-90PF MBM29PL160BD-90PFTN MBM29PL160BD |
16M (2M x 8/1M x 16) BIT 1M X 16 FLASH 3V PROM, 90 ns, PDSO44 16M (2M x 8/1M x 16) BIT 1M X 16 FLASH 3V PROM, 90 ns, PDSO48 Modular Connector 122 x 32 pixel format, LED Backlight available
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
Z1SMA47 Z1SMA75 Z1SMA1 Z1SMA10 Z1SMA100 Z1SMA11 Z1 |
Surface mount Silicon-Zener Diodes (non-planar technology) 320 x 240 pixel format, Mechanical drop in to AGM3224S 43 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 320 x 240 pixel format, CFL backlight available with power harness 56 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 240 x 64 pixel format, LED, or EL Backlight available 17.95 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 320 x 240 pixel format, CFL backlight available with power harness 68 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
M48Z2M1Y M48Z2M1Y-70PL1 M48Z2M1Y-70PL9 M48Z2M1YPL |
16 Mb (2Mb x 8) ZEROPOWER SRAM 122 x 32 pixel format, Compact LCD size 16 Mb 2Mb x 8 ZEROPOWER SRAM
|
SGS Thomson Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HYB39S16320TQ-10 HYB39S16320TQ-7 |
128 x 64 pixel format, LED Backlight available
|
SIEMENS AG
|
MSB2310TK-5B |
128 x 64 pixel format, LED or EL Backlight available 5MM OVAL TYPE HIGH BRIGHTNESS RED LED LAMP
|
MICRO-ELECTRONICS[Micro Electronics]
|
MBM29LV651UE12TR MBM29LV651UE90TR MBM29LV651UE-12 |
64M (4M x 16) BIT 4M X 16 FLASH 3V PROM, 90 ns, PDSO48 64M (4M x 16) BIT 64M号(4米16)位 AGM3224D equivalent, 320 x 240 pixel format 4M X 16 FLASH 3V PROM, 120 ns, PDSO48 DC-DC Converter; Supply Voltage:12V; Output Voltage:3.3V; Number of Outputs:1; Power Rating:20W; Mounting Type:PC Board; Series:WPN20R 320 x 240 pixel format, LED or CFL Backlight
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. Fujitsu Component Limit...
|
MGB2310TK-X MGB2310TK-1 MGB2310TK-2 MGB2310TK-3 |
5MM OVAL TYPE HIGH BRIGHTNESS YELLOW GREEN LED LAMP 128 x 64 pixel format, LED or EL Backlight available
|
MICRO-ELECTRONICS[Micro Electronics]
|
EM658160TS-35 |
150 x 32 pixel format, LED Backlight available 4米16的DDR同步DRAM(SDRAM
|
Etron Technology, Inc
|