PART |
Description |
Maker |
MBM29SL160BD-12PFTR MBM29SL160BD-10PFTN MBM29SL160 |
Replaced by TPS2046B : 0.345A, 2.7-5.5V Dual (1In/2Out) Hi-Side MOSFET, Fault Report, Act-Low Enable 8-SOIC 0 to 85 16米(2米x 8/1M × 16)位 122 x 32 pixel format, Compact LCD size 16米(2米x 8/1M × 16)位 122 x 32 pixel format, LED Backlight available 16M (2M x 8/1M x 16) BIT
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
CM50TF-24H |
122 x 32 pixel format, LED Backlight available Six-IGBT IGBTMOD 50 Amperes/1200 Volts
|
POWEREX[Powerex Power Semiconductors]
|
USS-820D USS820TD-DB |
122 x 32 pixel format, LED Backlight available USS-820D USB Device Controller
|
Agere Systems
|
CM30TF-12H |
122 x 32 pixel format, LED Backlight available 30 A, 600 V, N-CHANNEL IGBT Six-IGBT IGBTMOD 30 Amperes/600 Volts
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
HY29LV320BF-80 HY29LV320BF-80I HY29LV320BT-12I HY2 |
32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 80 ns, PDSO48 32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 70 ns, PDSO48 122 x 32 pixel format, LED Backlight available 2M X 16 FLASH 3V PROM, 120 ns, PBGA63 32 Mbit (2M x 16) Low Voltage Flash Memory 2M X 16 FLASH 3V PROM, 90 ns, PBGA63 150 x 32 pixel format, LED Backlight available ECONOLINE: RKZ - Safety standards and approvals: EN 60950 certified, rated for 250VAC (LVD test report)- Custom Solutions Available- 3kVDC & 4kVDC Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84%
|
http:// Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
NX60TA-25SAA3-SP NX60TA-32SAA3-SP NX60TB-15SAA3-SP |
Simple Assembly Type PC Card Frame Kits 122 x 32 pixel format, Compact LCD size 122 x 32 pixel format, LED or EL Backlight available Connector assemblies, Keyboard Computer cables; RoHS Compliant: Yes Keyboard Molded Cable Assembly; Connector Type A:ModConnector Type B:Modular Plug; Cable Length:1.25ft; Process Compatible:Yes; Color:Black; Contact Material:Tinned Copper; No. Strands x Strand Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:17; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight TP-TX/FX-MM1300-ST MODULE2 KM 10/100 MBPS Simple Assembly Type PC Card Frame Kits 简单的装配式框架套件PC
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
KDZ3.0V KDZ4.7V KDZ6.8V KDZ4.3V KDZ5.1V KDZ8.2V KD |
ZENER DIODE SILICON EPITAXIAL PLANAR DIODE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) 40 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor 240 x 64 pixel format, CFL, LED, or EL Backlight available 240 x 320 pixel format, White Edge LED backlight
|
KEC[KEC(Korea Electronics)] Korea Electronics (KEC) KEC Holdings
|
Z1SMA47 Z1SMA75 Z1SMA1 Z1SMA10 Z1SMA100 Z1SMA11 Z1 |
Surface mount Silicon-Zener Diodes (non-planar technology) 320 x 240 pixel format, Mechanical drop in to AGM3224S 43 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 320 x 240 pixel format, CFL backlight available with power harness 56 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 240 x 64 pixel format, LED, or EL Backlight available 17.95 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 320 x 240 pixel format, CFL backlight available with power harness 68 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
02CZ4.7Y 02CZ5.1X 02CZ5.1Y 02CZ5.1Z 02CZ27 02CZ4.3 |
5015 RR 26#16 SKT PLUG L/C 240 x 64 pixel format, EL and LED backlight 40 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor CAP 4700PF 100V 10% X7R AXIAL BULK S-MIL-PRF-39014 5015 RR 26#16 PIN PLUG Chip-on-Glass (COG) Technology, 8 Character x 1 Line 二极管(恒压规例中的应用。参考电压应用。) DIODE (CONSTANT VOLTAGE REGULATION APPLICATIONS. REFERENCE VOLTAGE APPLICATIONS.) 二极管(恒压规例中的应用。参考电压应用。) Fixed bridge, 10-pos. - FB 10- URTK/SP 二极管(恒压规例中的应用。参考电压应用。) 8 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 二极管(恒压规例中的应用。参考电压应用。) 240 x 64 pixel format, CFL, LED, or EL Backlight available 二极管(恒压规例中的应用。参考电压应用。) 240 x 320 pixel format (portrait mode), Compact LCD size
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation Toshiba, Corp.
|
A29L320UG-90U A29L320UV-90U A29L320UV-90UF A29L320 |
240 x 128 pixel format, LED or EL Backlight 4米8 2米16位CMOS 3.3伏只,引导扇区闪 4M X 8 Bit / 2M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory 4米8 2米16位CMOS 3.3伏只,引导扇区闪 640 x 200 pixel format, TAB configuration, 2.8mm total thickness 4米8 2米16位CMOS 3.3伏只,引导扇区闪 ADAPTER DC/AC CURRENT CLAMP 4米8 2米16位CMOS 3.3伏只,引导扇区闪 480 x 320 pixel format, White LED Backlight 4米8 2米16位CMOS 3.3伏只,引导扇区闪 Lucasey Mounting Systems Mobile Equipment Carts, Platform Dimensions: (W x D) 24 x 18 , Load Capacity: 120 lbs, Finish: Black, Material: Welded Steel, Features: 4 heavy duty casters with locking brakes CARRYING CASE FOR HV-44 PROBE CRT UNIVERSAL TESTER ADAPTOR Color HVGA display (640 x 240 pixels), CCFT Backlight with power harness ADAPTORS FOR MODELS #490 AND 480, MANUFACTURER NUMBER: CR3 ACCESSORY POUCH FOR B&K PRECISION 1420/1422 SERIES TEST INSTRUMENTS RoHS Compliant: NA ADAPTER 20PIN PAL FOR BK842/843 MODULE FOR PIC BK846/847 640 x 480 pixel format, CCFL Backlight
|
http:// AMIC Technology, Corp. AMIC Technology Corporation
|
FCU20UC30 |
FCU20UC30 320 x 240 pixel format, LED or CFL Backlight
|
Nihon List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
|