PART |
Description |
Maker |
SSTJ210 SSTJ211 SSTJ212 J210 J211 J212 |
N-Channel JFET UHF BAND, Si, N-CHANNEL, RF SMALL SIGNAL, JFET, TO-92 Voltage Regulator IC; Package/Case:5-SOT-23; Output Current:150mA; Output Voltage:2.6V; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.6V RoHS Compliant: No
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
P6AU-2415E P6AU-0505 P6AU-0505E P6AU-0512E P6AU-05 |
Input voltage:5V, output voltage 3.3V (300mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 15V (70mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 7.2V (140mA), 1KV isolated 1W unregulated single output 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP4 1KV交隔W的未稳压单输出学校改善工 Input voltage:5V, output voltage 12V (100mA), 1KV isolated 1W unregulated single output
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
MP172 |
700 V Non-Isolated Off-Line Regulator Up to 120 mA Output Current
|
Monolithic Power System...
|
3B31-03 3B30 3B30-00 3B30-01 3B30-02 3B30-03 3B31 |
Isolated Volt Input; 3 Hz Bandwidth Signal Conditioning Module Isolated millivolt Input; 3 Hz Bandwidth Signal Conditioning Module Isolated Voltage Input AB 7C 7#16S SKT PLUG
|
AD[Analog Devices] Analog Devices, Inc.
|
3B40-00 3B40-01 3B40-02 3B40-03 3B41-03 3B40 3B41 |
Isolated Wideband Voltage Input SPECIALTY ANALOG CIRCUIT, XMA Isolated Wide Bandwidth millivolt Input Signal Conditioning Module Isolated Wide Bandwidth Volt Input Signal Conditioning Module
|
Analog Devices, Inc. AD[Analog Devices]
|
P6LU-XXXXZH52 P6LU-0505ZH52 P6LU-053R3ZH52 P6LU-12 |
Input voltage:12V, output voltage /-15V ( /-34mA), 5.2KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-7.2V ( /-69mA), 5.2KV isolated 1W unregulated dual output 5.2 KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7 5.2千伏隔震1W的未稳压双输出SIP7 Input voltage:12V, output voltage /-5V ( /-100mA), 5.2KV isolated 1W unregulated dual output
|
PEAK[PEAK electronics GmbH]
|
X7AH-07A1A0 S7AH-07A1A0 V7AH-07A1A0 |
NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 1-OUTPUT 23.1 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 12 V Input 0.9 V-3.3 V/7 A Output 非隔离式DC / DC转换2 V输入0.9 V.3 7 A输出
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
FOD8318 FOD8318R2 FOD8318V FOD8318R2V |
2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
|
Fairchild Semiconductor
|
IPM12C0A0S04FA IPM12C0A0R04FA IPM04C0A0S06FA IPM04 |
Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.9~5V and 4A Output Current
|
DELTA[Delta Electronics, Inc.]
|
5B32 5B32-01 5B32-02 5B32-15 |
Single-Channel Signal Conditioning Module Isolated Current Input Signal Conditioning Module
|
Analog Devices, Inc.
|
STK672-120 |
Aluminum Polymer Radial Lead Capacitor; Capacitance: 2200uF; Voltage: 2.5V; Case Size: 8x12 mm; Packaging: Bulk Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 2.4 A Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Drive (Square Wave Drive) Output Current: 2.4 A
|
Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
FS30UM-3 |
MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE Bench Power Supply; Output Voltage:35V; Output Current:6A; Number of Outputs:1; Calibrated:No; Display Technology:Digital; Output Current Max:6A; Output Current Min:0A; Output Voltage Max:35V; Output Voltage Min:0V
|
Mitsubishi Electric Corporation POWEREX[Powerex Power Semiconductors]
|