PART |
Description |
Maker |
BD5431EFS-E2 DG333ALDJ BU8793KN-E2 MAX9725BETC-T M |
Audio Amplifiers 17W 17W Class D Spkr For Diff. Analog In Analog Switch ICs Quad SPDT Switch Learn More Audio Amplifiers 16 TONE GENERATOR 1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown 0.025 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC12 1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown 0.025 W, 2 CHANNEL, AUDIO AMPLIFIER, PBGA12 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers 1.4 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC16 Stereo DirectDrive® Headphone Amplifier with BassMax, Volume Control, and I<sup>2</sup>C 1 CHANNEL, AUDIO AMPLIFIER, PBGA16 Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers 1.4 W, 1 CHANNEL, AUDIO AMPLIFIER, PDSO8
|
Rohm Co., Ltd. Rochester Electronics, LLC Maxim Integrated Products, Inc.
|
MAX9711 MAX9710 MAX9710-MAX9711 MAX9711ETC MAX9710 |
3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown 3 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC20 Synchronous 8-Bit Up/Down Counters 24-CDIP -55 to 125 3 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC20 Mono 3W Audio BTL Amplifier Stereo 3W Audio BTL Amplifier From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
AT49BV040- AT49LV040 AT49BV040 AT49BV-LV040 AT49BV |
LM4910 Output Capacitor-less Stereo 35mW Headphone Amplifier; Package: LLP; No of Pins: 8 LM4663 Boomer ® Audio Power Amplifier Series 2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier; Package: TSSOP; No of Pins: 24 512K X 8 FLASH 2.7V PROM, 90 ns, PDSO32 LM4549A AC '97 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound; Package: LQFP; No of Pins: 48 LM4664 Boomer ® Audio Power Amplifier Series Filterless High Efficiency 1.1W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
SC7314S SC7314D |
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
|
Silan Microelectronics Joint-stock
|
PA6021-D20-T PA6021G-D20-T PA6021L-D20-T |
2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL 2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
|
Unisonic Technologies
|
TLV320ALC31 |
LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
|
http://
|
LC89075W-H |
Digital Audio Interface Receiver with Stereo ADC and Audio Selector
|
Sanyo Semicon Device
|
MAX9718DETB |
Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers 1.4 W, 1 CHANNEL, AUDIO AMPLIFIER, DSO10
|
Maxim Integrated Products, Inc.
|
MAX9702EUI MAX9702BEUI MAX9702BETI MAX9702ETI MAX9 |
1.8W, Filterless, Stereo, Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier 1.8W的,滤波,立体声D类音频功率放大器和DirectDrive立体声耳机放大
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
WM8960GEFL_RV WM8960GEFL_V WM896006 |
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
|
Wolfson Microelectronics plc
|
MAX9763 MAX9760 MAX9762 MAX9760-MAX9763 MAX9761 MA |
Stereo 3W Audio Power Amplifiers with Headphone Drive and Input Mux "Stereo 3W Audio Power Amplifiers with Headphone Drive, Input MUX and Parallel Control" From old datasheet system "Mono 3W Audio Amp with Stereo Headphone Drive, Input MUX and I2C Control" "Stereo 3W Audio Power Amplifiers with Headphone Drive, Input MUX and I2C Control" "?Mono 3W Audio Amp with Stereo Headphone Drive, Input MUX and Parallel Control"
|
MAXIM[Maxim Integrated Products]
|
PT2315E-S PT2315E10 |
Stereo Audio Processor for Home TV Audio
|
Princeton Technology Corp
|