PART |
Description |
Maker |
MC33880DWB/R2 MC33880DW/R2 |
CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE 可配置八路串列交换与串行外设接口
|
Motorola Mobility Holdings, Inc. Motorola, Inc
|
33880 |
Configurable Octal Serial Switch with Serial Peripheral Interface I/O
|
飞思卡尔半导体(中国)有限公司
|
MCZ33879 MCZ33879A |
Configurable Octal Serial Switch
|
Freescale Semiconductor
|
MC33879APEK MC33879TEK |
Configurable Octal Serial Switch with Open Load Detect Current Disable
|
Freescale Semiconductor, Inc
|
L9733XP |
Octal configurable low/high side driver
|
ST Microelectronics
|
IDT72103 IDT72104 IDT72103L35J IDT72103L35J8 IDT72 |
4K x 9 Configurable Parallel-to-Serial FIFO, 5.0V 2K x 9 Configurable Parallel-to-Serial FIFO, 5.0V CMOS PARALLEL-SERIAL FIFO
|
IDT
|
MC74LVXC3245DWR2 |
Configurable Dual Supply Octal Transceiver LV/LV-A/LVX/H SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO24
|
ON Semiconductor
|
AD7808BST AD7808BR AD7808BN AD7805BR |
High Efficiency Step-Down and Inverting DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 3.3 V to 5 V Quad/Octal 10-Bit DACs SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDSO24 3.3 V to 5 V Quad/Octal 10-Bit DACs SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDIP24 +3.3V to +5V Quad/Octal 10-Bit DACs
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD9222BCPZRL7-65 |
Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter; Package: LFCSP (9x9mm, 7.10 exposed pad); No of Pins: 64; Temperature Range: Commercial 8-CH 12-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, QCC64
|
Analog Devices, Inc.
|
AD7809 AD7809BST AD7808 AD7808BN AD7808BR AD7805 A |
3.3 V to 5 V Octal 10-Bit Serial Loading DAC 3.3 V to 5 V Quad/Octal 10-Bit DACs 3.3 V to 5 V Quad 10-Bit Serial Loading DAC 3.3 V to 5 V Octal 10-Bit Parallel Loading DAC
|
AD[Analog Devices]
|