PART |
Description |
Maker |
AS3833-ZSOT AS3833-ZTQT |
6 channel high-precision LED cont rol ler for 3D-LCD backl ight with integrated step-up cont rol ler
|
ams AG
|
IRFN340SMD |
N-Channel Power MOSFET(BVdss:400V,Id(cont):10A,Rds(on):0.55Ω)(N沟道功率MOS场效应管(BVdss:400V,Id(cont):10A,Rds(on):0.55Ω))
|
SemeLAB SEME-LAB[Seme LAB]
|
74323-2004 |
MicroCross DVI Digital Dual Link Component, High Volume Plug Connector SubassemblyVertical, 0.76μm (30μ) Gold (Au), with key, 24 Circuits, Lead Free
|
Molex Electronics Ltd.
|
IRFE230 2N6798U |
N-Channel Power MOSFET(Vdss:200V,Id(cont):4.8A,Rds(on):0.46Ω)(N沟道功率MOS场效应管(Vdss:200V,Id(cont):4.8A,Rds(on):0.46Ω)) N沟道功率MOSFET(减振钢板基本:200伏,身份证(续).8A时,RDS(上):0.46Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本00伏,身份证(续).8A时,RDS(对):0.46Ω)) N-Channel N沟道
|
NXP Semiconductors N.V. TT electronics Semelab Limited Seme LAB
|
ALD521DSD ALD521D ALD521DPD |
MOSFET, P POWERPAKMOSFET, P POWERPAK; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:30V; Case style:PowerPak SO-8; Current, Id cont:11A; Current, Idm pulse:50A; Power, Pd:1.8W; Resistance, Rds on:0.0085R; SMD:1; 24 BIT SERIAL INTERFACE DIGITAL CONTROLLER
|
Advanced Linear Devices, Inc. ALD[Advanced Linear Devices]
|
IRFE9130 |
P-Channel Power MOSFET(Vdss:-100V,Id(cont):-6.1A,Vdgr:-0.345V)(P沟道功率MOS场效应管(Vdss:-100V,Id(cont):-6.1A,Vdgr:-0.345V)) P沟道功率MOSFET(减振钢板基本:- 100V的,身份证(续) 6.1A,Vdgr 0.345V)性(P沟道功率马鞍山场效应管(减振钢板基本 100V的,身份证(续) 6.1AVdgr 0.345V))
|
Seme LAB
|
IRFB5615PBF |
DIGITAL AUDIO MOSFET Key Parameters Optimized for Class-D Audio Amplifier Applications
|
International Rectifier
|
SML80A12 SML100A9 |
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:800V,Id(cont):11.5A,Rds(on):0.650Ω)(N沟道增强高电压功率MOS场效应管(Vdss:800V,Id(cont):11.5A,Rds(on):0.650Ω))
|
SemeLAB SEME-LAB[Seme LAB]
|
SML80H14 |
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS 13.5 A, 800 V, 0.58 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-258AA N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:800V,Id(cont):13.5A,Rds(on):0.58Ω)(N沟道增强高电压功率MOS场效应管(Vdss:800V,Id(cont):13.5A,Rds(on):0.58Ω))
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|
0533980467 0533980267 |
0.5 FPC CONN ASSY ZIF SMT RA(BTM CONT) E/O -LEAD FREE-
|
Molex Electronics Ltd.
|
0528932095 |
0.5 FPC CONN ASSY ZIF SMT RA(BTM CONT) E/O -LEAD FREE-
|
Molex Electronics Ltd.
|