PART |
Description |
Maker |
K6F1008V2C K6F1008V2C-F K6F1008V2C-YF55 K6F1008V2C |
128Kx8 bit Super Low Power and Low Voltage CMOS Static RAM 128Kx8位超低功耗和低电压的CMOS静态RAM
|
http:// Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
N01M0818L1 N01M0818L1AN N01L0818L1AD-85I N01L0818L |
1Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 128Kx8 bit
|
NANOAMP[NanoAmp Solutions, Inc.]
|
N01M083WL1A |
1Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 128Kx8 bit
|
NANOAMP[NanoAmp Solutions, Inc.]
|
KM68FS1000Z |
128Kx8 Bit Super Low Power and Low Voltage Full CMOS SRAM(128K x 8位超低功耗和低电压CMOS 静RAM) 128Kx8位超级低功耗和低电压的CMOS SRAM的全部(128K的8位超低功耗和低电压的CMOS静态RAM)的
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
MX27L1000 MX27L1000MC-12 MX27L1000MC-15 MX27L1000M |
1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM 128K X 8 OTPROM, 90 ns, PDSO32 1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM 128K X 8 OTPROM, 90 ns, PQCC32 1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM 128K X 8 OTPROM, 90 ns, PDIP32 TRIM POT 500 OHM 3MM SQUARE SMD TRIM POT 50K OHM 3MM SQUARE SMD
|
MACRONIX INTERNATIONAL CO LTD Macronix International Co., Ltd. MCNIX[Macronix International]
|
28C64AFT-25/SO 28C64AT-25/SO 28C64AFT-25I/SO 28C64 |
32-Channel, 14-Bit, Voltage-Output DACs with Serial Interface Quad, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 128Kx8 EEPROM 128Kx8 EEPROM
|
Microchip Technology, Inc.
|
K6T1008C2C K6T1008C2C-RB55 K6T1008C2C-RB70 K6T1008 |
128K X 8 STANDARD SRAM, 70 ns, PDSO32 128K x8 bit Low Power CMOS Static RAM 128K的x8位低功CMOS静态RAM 128K x8 bit Low Power CMOS Static RAM 128K的x8位低功耗CMOS静态RAM 55/70ns; V(cc): 4.5 to 5.5V; 128 x 8-bit low power CMOS static RAM 55ns; 128 x 8-bit low power CMOS static RAM 70ns; 128 x 8-bit low power CMOS static RAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Electronic
|
BS62LV1028 BS62LV1028TI BS62LV1028DC BS62LV1028DI |
Very Low Power/Voltage CMOS SRAM 128K X 8 bit Asynchronous 1M(128Kx8) bits Static RAM LM5068 Negative Voltage Hot Swap Controller; Package: MINI SOIC; No of Pins: 8 LM5041 Cascaded PWM Controller; Package: LLP; No of Pins: 16
|
BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
AS7C31024A-10JC AS7C31024A-10JI AS7C31024A-10TC AS |
3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)(3.3V 128KX8 CMOS 静态RAM(改进的引脚 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
|
Alliance Semiconductor Corporation ETC
|
BS62LV8001 BS62LV8001EI BS62LV8001EIP55 BS62LV8001 |
Very Low Power/Voltage CMOS SRAM 1M X 8 bit Very Low Power/Voltage CMOS SRAM 1M X 8 bit 1M X 8 STANDARD SRAM, 70 ns, PBGA48 Very Low Power/Voltage CMOS SRAM 1M X 8 bit 1M X 8 STANDARD SRAM, 55 ns, PBGA48 Aluminum Electrolytic Capacitor; Capacitor Type:High Temperature; Voltage Rating:25VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:47uF RoHS Compliant: Yes From old datasheet system Asynchronous 8M(1Mx8) bits Static RAM
|
Brilliance Semiconducto... BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
W24LO1ST |
LOW POWER & NORMAL SRAM 128Kx8
|
Winbond Electronics
|
BS62LV2563TC BS62LV2563TI BS62LV2563 BS62LV2563DC |
5V ECL Differential Receiver; Package: SOIC; No of Pins: 8; Container: Rail Very Low Power/Voltage CMOS SRAM 32K X 8 bit 非常低功电压CMOS SRAM32K的8 Very Low Power/Voltage CMOS SRAM 32K X 8 bit 非常低功电压CMOS SRAM2K的8
|
Brilliance Semiconducto... BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|