PART |
Description |
Maker |
ILC6363 ILC6363CIR50X ILC6363CIRADJX ILC6363CIR33 |
Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries 1 A BATTERY CHARGE CONTROLLER, 345 kHz SWITCHING FREQ-MAX, PDSO8 MSOP-8 STEP-UP/STEP DOWN DC-DC
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MAX756 MAX756C_D MAX756CPA MAX756CSA MAX756EPA MAX |
10-Line To 4-Line And 8-Line To 3-Line Priority Encoders 20-LCCC -55 to 125 1 A SWITCHING REGULATOR, 500 kHz SWITCHING FREQ-MAX, PDIP8 3.3V/5V/Adjustable-Output / Step-Up DC-DC Converters From old datasheet system 3.3V/5V/Adjustable-Output Step-Up DC-DC Converters 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MVPG15B-XX-NAE1C000 MVPG15E-XX-NAE1C000 MVPG15X MV |
SWITCHING REGULATOR, DSO12 Field Programmable DSP Switcher垄芒 1 MHz, 1.5A Peak Current-Limit Step-Down Regulator with AnyVoltage垄芒 Technology Field Programmable DSP Switcher 1 MHz, 1.5A Peak Current-Limit Step-Down Regulator with AnyVoltage Technology
|
MARVELL SEMICONDUCTOR INC Marvell Technology Group Ltd.
|
MP1499GD |
High-Efficiency, 5A Peak, 16V, 500kHz, Sync. Step-Down Converter Evaluation Board
|
Monolithic Power System...
|
ADP2126ACDZ-1.20R7 ADP2126-1.2-EVALZ ADP2127-1.26- |
Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
|
Analog Devices
|
ETC1.6-4-2-3 ETC1.6-4-2-3TR |
E-Series RF 1:4 Transmission Line Step-up Transformer 500 - 2500 MHz
|
MACOM[Tyco Electronics]
|
MABA-007236-C16423 |
E-Series RF 1:4 Transmission Line Step-up Transformer 500 - 2500 MHz
|
http://
|
MAX710 MAX710ESE MAX711 MAX711ESE 1742 MAX711C_D M |
3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters 3.3V/5V或可调、升/降压型DC-DC转换 3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters 0.7 A SWITCHING REGULATOR, UUC16 3.3V/5V or Adjustable / Step-Up/Down DC-DC Converters From old datasheet system
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
LTC1515SERIES LTC1515 LTC1515CS8 LTC1515CS8-3_5 LT |
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset From old datasheet system
|
LINER[Linear Technology]
|
MAX1878 |
Dual-Output Step-Down and LCD Step-Up Power Supply for PDAs
|
MAXIM - Dallas Semiconductor
|
MAX1878EGC MAX1878 |
Dual-Output Step-Down and LCD Step-Up Power Supply for PDAs
|
MAXIM[Maxim Integrated Products]
|