PART |
Description |
Maker |
ISL6431ACB ISL6431A |
PWM Controller, VOUT 0.8V Min @ 1.5%, 5V Input, 300kHz, Resistor Programming, SR=8V/sec Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
|
INTERSIL[Intersil Corporation]
|
ISL6223EVA ISL6223 ISL6223CA- ISL6263 ISL6223EVAL2 |
Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller PWM Controller, 2 Phase, 5-Bit VID Input, 1.30V to 2.00V in 50mV Steps, ?% Reg, Supply Voltage 5V
|
INTERSIL[Intersil Corporation]
|
G5207 |
24V Input Voltage-Mode Buck PWM Controller
|
Global Mixed-mode Technology Inc
|
G5201 |
5V/12V Input Voltage-Mode Buck PWM Controller
|
Global Mixed-mode Techn...
|
ISL6539IAZ ISL6539 ISL6539CA ISL6539CA-T ISL6539CA |
Wide Input Range Dual PWM Controller with DDR Option
|
INTERSIL[Intersil Corporation]
|
ISL6525 ISL6525CB |
PWM Controller, VOUT 1.20V Min @ % Reg, 5V or 12V Supply, 200kHz Free-Running Osc Programmable 50kHz to 1 MHz Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
|
INTERSIL[Intersil Corporation]
|
MAX1952ESA-18 MAX1951 MAX1952 MAX1951-MAX1952 |
SMPS Controller SMPSController
" 1MHz, All-Ceramic, 2.6V to 5.5V Input, 1.5A PWM Step-Down DC-to-DC Regulators" From old datasheet system
|
Maxim Integrated Products, Inc.
|
SC1404ISSTR SC1404 SC1404ITSTR |
Current Mode PWM Controller, Mobile Multi-Output PWM Controller With Virtual Current Sense, Tape and Reel
|
http:// SEMTECH[Semtech Corporation]
|
HIP6007 |
PWM Controller, Microprocessor DC-DC Converter, Std Buck, No DAC, .0% Reg, 5/12VDC Input to 3.x/1.27VDC Output
|
Intersil
|
CHL8225 CHL8228-00CRT CHL8228G |
Dual loop, 4 1 multiphase PWM controller for graphics processor VR solutions with multiple input rail control Dual loop, 6 2 multiphase PWM controller for graphics processor VR solutions with multiple input rail control
|
International Rectifier
|
IRU3038CF IRU3038CS IRU3038 IRU3038CSTR IRU3038CFT |
14 Pin Synchronous PWM Controller in a 14 pin TSSOP package SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS 14 Pin Synchronous PWM Controller in a 14-Pin SOIC (NB) package
|
IRF[International Rectifier]
|