PART |
Description |
Maker |
AN8015SH |
Single-channel step-down, step-up, or inverting use DC-DC converter control IC
|
PANASONIC[Panasonic Semiconductor]
|
BD9300F BD9300F08 BD9300FV |
Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
|
Rohm
|
LTC3240 LTC3240EDC-2.5 LTC3240EDC-3.3 LTC3240EDC-2 |
3.3V/2.5V Step-Up/Step-Down Charge Pump DC/DC Converter; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.45 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
|
Linear Technology, Corp.
|
ISL6537CR ISL6537CR-T ISL6537CRZ ISL6537CRZ-T ISL6 |
500-mA Peak Step-Up, Step-Down, Inverting Switching Voltage Regulator 14-SOIC 0 to 70 ACPI Regulator/Controller for Dual Channel DDR Memory Systems
|
INTERSIL[Intersil Corporation]
|
AAT1103A |
SINGLE-CHANNEL STEP UP DC/DC CONVERTER
|
Advanced Analog Technology
|
ADP3000AN ADP3000AN-12 ADP3000AN-33 ADP3000AN-5 AD |
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
|
AD[Analog Devices]
|
SC2441A09 |
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
BA9743AFV08 BA9741F BA9741FS BA9744FV BA9743AFV |
Dual-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
|
Rohm
|
FAN5602MP45X FAN5602MP5X FAN5602MU33X |
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
|
Fairchild Semiconductor Corporation
|
FAN56020705 |
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
|
Fairchild Semiconductor
|