PART |
Description |
Maker |
22-03-XXXX 22-03-2021 |
(22-03-xxxx) Header / PCB Mount
|
Molex
|
43255-0033 43255-0137 43255-0107 43255-0147 43255- |
VERT HEADER ASSY W/POL MALE 9CKT 9 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, SOCKET 6CKT V-2 HDR W/PEG TIN 432550137 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 0.084 SERIES MLX HEADER 15CKT WITH PEG 15 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 0.084 SERIES MLX HEADER 9CKT WITH PEG 9 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER 0.084 SERIES MLX HEADER 2CKT WITH PEG 2 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER 3CKT V-0 HDR TIN 432550067 3 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
39-31-1032 39-30-7051 39-30-3041 39-30-3056 |
A5569-03A4BL 94V2 Peg 3 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5CKT S/R R/A MINI FIT HDR ASSY 556905A4S 5 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,PLUG,4 Contacts,SKT,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:5; Pitch Spacing:0.165"; No. of Rows:1; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 5 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
43650-0330 43650-0417 43650-9915 43650-1116 43650- |
MicroFit 3.0 SR Vert TH/Void Tin 3 Ckt 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER,4 POS,VERTICAL,.118 PIT. SELCT GOLD PLATING,15U MIN 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MicroFit 3.0 SR Vert TH/Void Tin 5Ckt 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:11; Pitch Spacing:0.118"; No. of Rows:1; Series:Mini-Fit 3.0; Body Material:Liquid Crystal Polymer 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MicroFit 3.0 SR Vert TH Peg 30Au 9Ckt 9 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 3MM VERT TIN 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
ZP-12-354PN |
(ZP-12-xxxx) Insert Configurations
|
Star Line
|
B3W-1050 |
(B3W-xxxx) Mechanical Keyswitch
|
Omron Electronics
|
OL-30192 OL-30702 OL-6832 OL-6802 OL-32282 OL-7152 |
(OL-xxxx) Short Wire Terminal
|
ETC
|
39861-0505 39860-0712 39860-0509 39860-0708 39860- |
Header; No. of Contacts:5; Pitch Spacing:0.2"; No. of Rows:1; Series:Beau Eurostyle 39860; Body Material:Nylon 6/6 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Neo 5.08mm hdr Clsd D86 Sty 19 Ckt 12 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:9; Pitch Spacing:0.2"; No. of Rows:1; Series:Beau Eurostyle 39860; Body Material:Nylon 6/6 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 8POS 5.08MM R/A TIN 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12POS 5.08MM STR TIN 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 10POS 5.08MM STR TIN 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 5POS 5.08MM R/A TIN
|
Molex, Inc. MOLEX INC
|
HDC-43XX HDC-5012 HDC-50XX |
(HDC-xxxx) 1 Digit Numeric Display
|
Elproma
|
EVE-1WF00210B EVE-GA1FXXXXB EVE-GC1F2012B |
(EVE-xxxx) Mechanical Rotary Encoders
|
Panasonic
|
|