PART |
Description |
Maker |
ZHR-3 ZHR-4 ZHR-6 ZHR-2 S2B-ZR S4B-ZR S3B-ZR B2B-Z |
CONNECTOR HOUSING 4 WAY CONNECTOR HOUSING 6 WAY HEADER SIDE ENTRY 2 WAY HEADER SIDE ENTRY 4 WAY HEADER SIDE ENTRY 3 WAY HEADER TOP ENTRY 2 WAY HEADER SIDE ENTRY 6 WAY HEADER TOP ENTRY 3 WAY HEADER TOP ENTRY 6 WAY CONNECTOR HOUSING 2 WAY 连接器外2种方 CONNECTOR HOUSING 3 WAY 连接器外3未来 HEADER TOP ENTRY 4 WAY 头顶端插
|
Electronic Theatre Controls, Inc.
|
43045-1208 43045-1806 43045-1608 43045-2406 43045- |
Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Surface Mount RoHS Compliant: Yes POWER CONNECTOR 430451806 POWER CONNECTOR 430451608 POWER CONNECTOR Microfit 3.0 RA SMT/Clip DR Tin 24 Ckt POWER CONNECTOR 430450206 POWER CONNECTOR
|
Molex, Inc.
|
43255-0033 43255-0137 43255-0107 43255-0147 43255- |
VERT HEADER ASSY W/POL MALE 9CKT 9 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, SOCKET 6CKT V-2 HDR W/PEG TIN 432550137 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 0.084 SERIES MLX HEADER 15CKT WITH PEG 15 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 0.084 SERIES MLX HEADER 9CKT WITH PEG 9 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER 0.084 SERIES MLX HEADER 2CKT WITH PEG 2 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER 3CKT V-0 HDR TIN 432550067 3 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
22-04-1071 22-04-1111 22-04-1131 22-05-1022 22-04- |
Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 2.5MM VERT TIN 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504513A 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 2.5MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM R/A TIN 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504517A 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504520A 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM VERT TIN 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Vertical Header; No. of Contacts:3; Pitch Spacing:0.098"; No. of Rows:1; Gender:Header; Series:5045; Body Material:6/6 Nylon; Current Rating:3A; Voltage Rating:250V KK2.5MM FL WAF.ASS. GOLD 504510AG Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK CONN HEADER 11POS 2.5MM R/A TIN HEADER, SQ PIN 2.5MM 12WAY ; Ways, No. of:12; Pitch:2.5mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Flammability rating:UL94V-0; Force, de-mating:0.57N; Housing type:Black Glass Filled
|
Molex, Inc. MOLEX INC
|
0554012019 |
2.54mm (.100) Pitch QF-50 Flat Ribbon Cable Header, Dual Row, VerticalShrouded Header with Eject Levers, 20 Circuits, Lead-free MOLEX Connector
|
Molex Electronics Ltd.
|
44428-1402 44428-0406 44428-0401 |
CONN HEADER 14POS 3MM R/A GOLD 14 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MicroFit BMI RA DR Hdr 30Au 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN HEADER 4POS 3MM RT ANG TIN 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
50-84-2122 50-84-2020 50-84-2061 50-84-2091 |
MLX CAP 12CKT WHITE 94V0 4202212C 12 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLG/RCP,2 Contacts,PIN/SKT,0.25 Pitch,CRIMP Terminal,POLARIZED LCK RoHS Compliant: Yes 2 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header; No. of Contacts:6; Pitch Spacing:0.25"; No. of Rows:1; Gender:Female; Series:MLX; Body Material:Nylon 6/6 6 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE 9 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
TOLC-105-02-S-Q TOLC-105-32-S-Q TOLC-115-02-S-Q TO |
CONN HEADER .05 5X4PS GOLD SMD 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 15X4PS GOLD SMD 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 40X4PS GOLD SMD 160 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 30X4PS GOLD SMD 120 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 45X4PS GOLD SMD 180 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Samtec, Inc.
|
0010844020 10-84-4020 A-42002-2A1A1 |
6.35mm (.250) Pitch MLX Power Connector Header, Vertical, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, White MOLEX Connector
|
Molex Electronics Ltd.
|
26-60-1100 |
Header, Vertical Breakaway; No. of Contacts:10; Pitch Spacing:3.96mm; No. of Rows:1; Gender:Header; Series:41761; Body Material:Polyester, Glass-filled 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
|