PART |
Description |
Maker |
76650-0174 84700-0003 84700-0001 84702-0005 84702- |
In-Line, PCB and Panel Mount Receptacle, Plug, Receptacle and Dust cover
|
MolexKits
|
61082-081026 61082-14400LF 61082-123400LF 61082-16 |
80 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE BERGSTAK 0.8MM RECEPTACLE ASSY 1.MATERIAL HOUSING LCP UL 94V-O
|
FCI connector
|
230-02086D 230-02020-24D 230-0208-3D |
Hermetic Receptacle, Solder Mount, Crimp Contacts MALE, MIL SERIES CONNECTOR, CRIMP, RECEPTACLE
|
Glenair, Inc. GLENAIR INC
|
FZT792 FZT792A FZT792ATC |
PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:14-22 Style:Wall Mount Receptacle; Circular Contact Gender:Socket; Insert Arrangement:14-22
|
Zetex Semiconductors
|
0563772001 56377-2001 |
CRC Shielded Rectangular I/O Receptacle Shell, Panel Mount, Signal, 20 Circuits, Rear Mount Type
|
Molex Electronics Ltd.
|
91804-0415 91804-0455 91804-0417 91804-8451 |
4XLL CON W/PNL W/RMNT MTLGKT W/EMI TRAY 25 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE 4XLL W/PNLMNT 4SDRPSTS MTLGKT W/EMI TRAY 25 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, RECEPTACLE 4XLL CON W/PNL O/RMNT MTLGKT W/EMI TRAY Right angle I/O latch receptacle; No. of Contacts:8; Pitch Spacing:0.5mm; No. of Rows:1; Mounting Type:PCB SMT; Color:Black; Current Rating:0.5A; Features:2 solder posts; Gender:Receptacle; Series:LaneLink?; Voltage Rating:30V RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
CZTUX87 |
Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:8-4 SURFACE MOUNT HIGH VOLTAGE NPN POWER TRANSISTOR
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
95290-YXXKLF 95290-YXXBLF 95290-YXXALF 95290-305B |
BtB RECEPT VERT DR SMT 8.5mm 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
FCI connector
|
SAB9083 SAB9083_2 SAB9083H |
Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:14-35 Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:14-35 From old datasheet system Multistandard Picture-In-Picture PIP controller
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
47018-4000 0470184000 |
1.27mm (.050) Pitch Serial ATA Host Receptacle, Mating Height 5.15mm (.203), Gold (Au) Flash, Surface Mount, Light Tin Solder Area, Right Angle, Top Mount Type, 22 Circuits
|
Molex Electronics Ltd.
|
87263-4223 87263-0893 87263-1025 87263-1095 87263- |
MGrid B/E Rec SMT W/Pg .38AuLF 42Ckt 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid B/E Rec W/Cap T&R .38AuLF 8Ckt 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec B/E SMT W/Pg .76AuLF 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec B/E W/Cap T&R .76AuLF 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid B/E Rec W/Cap T&R .38AuLF 24Ckt 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
|