PART |
Description |
Maker |
GT-32090 |
Highly Integrated Single-Chip System Controller(高集成单片系统控制器)
|
Galileo Technology Services, LLC
|
EL7300Q-160 EL7300 EL7300Q-110 EL7300Q-140 |
highly integrated single chip solution for the Flat Panel Display applications
|
ETRON[Etron Technology, Inc.]
|
IP1827 IP1827TRPBF |
Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
|
International Rectifier
|
IR38063M IR38063M-15 |
Highly Integrated 25A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
|
International Rectifier
|
PW164A |
Image Processor A highly integrated “system-on-a-chip” that interfaces
analog, digital, and video inputs in virtually any format to a pixel-based display.
|
Pixelworks
|
TW8816-LA3-GRS TW8816 |
Highly integrated LCD controller with on-chip MCU & CCFL controller
|
Intersil Corporation
|
XFL4020-102ME GRM188R71H472KA01D GRM188R71E104KA01 |
3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator 3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
|
International Rectifier
|
ATR4253 ATR4253-PVPW |
Highly Integrated - All-in-one Active Antenna IC Integrated AGC SPECIALTY TELECOM CIRCUIT, QCC16
|
ATMEL Corporation
|
EVB-EN5367QI |
6A PowerSoC Highly Integrated Synchronous Buck With Integrated Inductor
|
Altera Corporation
|
SG6742 SG6742DZ SG6742SZ |
Highly-Integrated Green-Mode PWM Controller; Package: SOIC; No of Pins: 8; Container: Tape & Reel 0.25 A SWITCHING CONTROLLER, 68 kHz SWITCHING FREQ-MAX, PDSO8 Highly Integrated Green-Mode PWM Controller
|
Fairchild Semiconductor, Corp.
|
AT76C510 |
LAN with other wireless LANs (WLAN) and legacy LANs. VNET-B based bridges act as access points (AP) to the WLAN and communicate packets Ethernet to Wireless Bridge-on-a-Chip The AT76C510 is a highly integrated WLAN plus Internetworking device based on two ARM7TDMI?RISC processors, a 10/100 Ethernet MAC, USB, integrated 2 x 6K x 32-bit SRAM, 3.3V operation, 128- pin PQFP or TQFP package.
|
ATMEL Corporation
|