PART |
Description |
Maker |
MAX7221 MAX7221CNG MAX7221CWG MAX7221ENG MAX7221ER |
SOLDER SHELLS, DB37 FEMALE Serially Interfaced / 8-Digit LED Display Drivers IC,LED DISPLAY DRIVER,7-SEG,COMMON-CATHODE,DIP,24PIN,PLASTIC Serially Interfaced, 8-Digit LED Display Drivers
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] http://
|
CPHS-E5.3-1S-4P-Z CPHS-E2-1S-4P-Z |
E cores and acces sories
|
Ferroxcube International Holding B.V.
|
CPHS-E6.3-1S-4P-Z CPHS-E6.3-1S-6P-Z CPHS-E2-1S-6P- |
E cores and acces sories
|
Ferroxcube International Holding B.V.
|
ADG715 ADG715BRU ADG714 ADG714BRU |
CMOS/ Low Voltage Serially-Controlled/ Octal SPST Switches (4kV/6kV Versions); EN and UL Certificates; 3 Pinout Options, 3 Case Styles; Control Pin Option; Efficiency to 86% CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
|
Analog Devices, Inc. AD[Analog Devices]
|
ADG71402 ADG714 ADG715 ADG714BRU ADG715BRU |
CMOS, Low Voltage Serially Controlled, Octal SPST Switches CMOS, Low Voltage, SPI/QSPI/Mircowire Compatible Interface, Serially Controlled, Octal SPST Switches CMOS, Low Voltage, I2C Compatible Interface, Serially Controlled, Octal SPST Switches
|
Analog Devices
|
MAX4549 MAX4549EAX-T |
Serially Controlled.Triple 3x2 Audio/Video Crosspoint Switches Serially Controlled, Triple 3x2 Audio/Video Crosspoint Switches 3-CHANNEL, CROSS POINT SWITCH, PDSO36
|
Maxim Integrated Products, Inc.
|
ADG1414 ADG1414BCPZ-REEL7 ADG1414BRUZ ADG1414BRUZ- |
9.5 Ω RON ±15 V/ 12 V/±5 V iCMOS Serially-Controlled Octal SPST Switches 9.5 楼? RON 隆戮15 V/ 12 V/隆戮5 V iCMOS Serially-Controlled Octal SPST Switches
|
Analog Devices
|
MAX6950 MAX6950CEE MAX6950EEE MAX6950-MAX6951 MAX6 |
Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers Serially Interfaced / 2.7V to 5.5V / 5- and 8-Digit LED Display Drivers Hex D-type Flip-Flops With Enable 16-CDIP -55 to 125 Quad D-type Flip-Flops With Enable 20-LCCC -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
ICS307M-02ILF ICS307M-02ILFT ICS307M-02LF ICS307M- |
SERIALLY PROGRAMMABLE CLOCK SOURCE
|
ICST[Integrated Circuit Systems]
|
AS1105WL AS11051 AS1105WL-T |
Serially Interfaced, 4-Digit LED Driver
|
ams AG austriamicrosystems AG
|
ADG732 ADG726BSUZ ADG732BSU-REEL ADG732BCP ADG732B |
16-/32-Channel, 4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers 32-Channel, Serially Controlled 3.5 Ohm 1.8 V to 5.5 V, ±2.5 V, Analog Multiplexer; Package: TQFP (7x7mm); No of Pins: 48; Temperature Range: Industrial 32-CHANNEL, SGL ENDED MULTIPLEXER, PQFP48 16-/32- Channel, 3.5 O 1.8 V to 5.5 V, ±2.5 V, Analog Multiplexer 16-CHANNEL, DIFFERENTIAL MULTIPLEXER, PQFP48 32-Channel, Serially Controlled 3.5 Ohm 1.8 V to 5.5 V, .5 V, Analog Multiplexer 16-/32- Channel, 3.5 ohms 1.8 V to 5.5 V, .5 V, Analog Multiplexer
|
Analog Devices, Inc.
|
6DI30M-120 |
Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
|
Ecliptek, Corp.
|