PART |
Description |
Maker |
A931 A932 A930 A930S003500100 A931S000900101 A930S |
16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor Box Enclosure; NEMA Type:4X; Enclosure Material:ABS; External Height:3"; External Width:5"; External Depth:8.25"; Enclosure Color:Black RoHS Compliant: Yes 气体放电 8x6mm GAS DISCHARGE TUBE - 8x6mm 气体放电 8x6mm 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor 气体放电 8x6mm
|
Littelfuse, Inc.
|
DA28F320S5-90 E28F320S5-90 E28F320S5-110 |
16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 4M X 8 FLASH 5V PROM, 90 ns, PDSO56 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 4M X 8 FLASH 5V PROM, 110 ns, PDSO56
|
Intel Corp. Intel, Corp.
|
MCM32L100 MCM32100 MCM32100S10 MCM32100S80 MCM3210 |
16 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor 1M X 32 FAST PAGE DRAM MODULE, 100 ns, SMA72 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 1M X 32 FAST PAGE DRAM MODULE, 100 ns, SMA72 1M x 32 Bit Dynamic Random Access Memory Module
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
A6801SEP-T A6801SA A6800SL A6801SLW-T A6800 A6800S |
DABiC-5 Latched Sink Drivers 达比 5锁存灌电流驱动器 20 characters x 1 Lines, 5x7 Dot Matric Character and Cursor
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
HIF6H-80PA-1.27DSA HIF6R-100SD-AA-L HIF6H-040PA-1. |
16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 1.27 Pitch Coaxial Ribbon Cable Connector
|
Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
400ST16F 400SR10P 400SR160 400SR16B 400SR16F 400ST |
20 characters x 4 Lines, 5x7 Dot Matric Character and Cursor Air Ultrasonic Ceramic Transducers From old datasheet system
|
Electronic Theatre Controls, Inc. Unknow ETC[ETC] List of Unclassifed Manufacturers
|
C67078-A3207-A2 BUZ382 SIEMENSAG-BUZ382 |
From old datasheet system SIPMOS Power Transistor(400 V 12.5A 0.4 Ohm TO-218AA) 20 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
M390S3253ETU-C7A M390S3253ET1-C7A M390S6453ET1-C7A |
168pin Registered Module based on 256Mb E-die with 72-bit ECC 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
MM3Z2V4ST3 MM3Z2V7ST3 MM3Z11VST1 MM3Z12VST1 MM3Z9V |
Zener Voltage Regulator Diode From old datasheet system CONN POLORIZING KEY 128 x 128 pixel format, LED Backlight available 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 3.3 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators 3.6 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 3.42 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulator 2% TOL Zener Voltage Regulator Tight Tolerance
|
ONSEMI[ON Semiconductor]
|
X25330 X25330S8 X25330S8-2.5 X25330S8I X25330S8I-2 |
5MHz SPI Serial E 2 PROM with Block Lock TM Protection 5MHz的SPI串行e座门锁TM保护胎膜早破 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 5MHz的SPI串行e2座门锁TM保护胎膜早破
|
XICOR[Xicor Inc.]
|
AT24C64B AT24C64B-10SI-2.7 AT24C64BN-10SU-2.7 AT24 |
24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor Hex Buffers And Line Drivers With 3-State Outputs 16-SOIC -40 to 85 2 WIRE SERIAL EEPROM
|
http:// Atmel Corp. ATMEL[ATMEL Corporation]
|
AT93C56A AT93C56A-10PI-1.8 AT93C56A-10PI-2.7 AT93C |
16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 240 x 128 pixel format, CFL Backlight with power harness 128 x 64 pixel format, LED or EL Backlight available ER 4C 4#16 SKT PLUG Circular Connector; No. of Contacts:4; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-10 RoHS Compliant: No 3-wire Serial EEPROMs 2K (256 x 8 or 128 x 16)
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|