PART |
Description |
Maker |
M51545P |
2V Dual Preamplifier whit ALC
|
Mitsubishi Electric
|
2CL2FF |
8kV 60mA HIGH VOLTAGE DIODE
|
getedz electronics
|
SP6652ER SP6652_07 SP6652 SP6652ER_TR SP6652ER-L S |
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator High Efficiency Synchronous Step-Down Converter
|
SIPEX[Sipex Corporation]
|
41PCT170T4-R/G/G/G |
T-1 DUAL COLOR LED ARRAY, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN, 3 mm
|
LEDTRONICS INC
|
HER108 HER106 HER107 |
Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V) HIGH EFFICIENCY RECTIFIER Reverse Voltage - 50 to 1000 Volts, Forward Current - 1.0Amperes
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor] Chenyi Electronics
|
2SJ624 2SJ624-T1B 2SJ624-T2B |
Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:80V; Forward Current Avg Rectified, IF(AV):60mA; Forward Voltage Max, VF:1V; Vf Test Current:200mA; Power Dissipation, Pd:80mW; Package/Case:DO-7; Current Rating:60mA MOS场效应管 MOS FIELD EFFECT TRANSISTOR Pch enhancement type MOS FET
|
NEC, Corp. NEC[NEC]
|
LTC1143L-ADJ LTC1143LCS-ADJ |
Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
|
Linear Technology Corporation
|
LTC3727EG LTC3727EUH-1 LTC3727EG-1 LTC3727 LTC3727 |
From old datasheet system High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
HFM208A HFM201A HFM202A HFM203A HFM204A HFM205A HF |
2 A, 50 V, SILICON, RECTIFIER DIODE, DO-214AC SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes HIGH EFFICIENCY RECTIFIER 50V 2.0A
|
RECTRON LTD Rectron Semiconductor
|
MV5364X HLMP-1523 MV5464X_HLMP-15X3 HLMP1301 MV536 |
Yellow T-1 Solid State Lamp High Efficiency Red T-1 Solid State Lamp High Efficiency Green T-1 Solid State Lamp High Efficiency Red Diffused T-100 Solid State Lamp High Efficiency Green Diffused T-100 Solid State Lamp Yellow Diffused T-100 Solid State Lamp Standard Red T-1 Solid State Lamp GENERAL PURPOSE VISIBLE DOME-STYLE SERVSWITCH DVI KVM CABLE W/ QUAD HEAD VIDEO 6FT. DIFFUSED T-100 SOLID STATE LAMPS T-1 SINGLE COLOR LED, YELLOW, 3 mm
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|