PART |
Description |
Maker |
GAL20RA10 GAL20RA10B-10LJ GAL20RA10B-10LP GAL20RA1 |
High-Speed Asynchronous E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP24 High-Speed Asynchronous E2CMOS PLD Generic Array Logic⑩
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
ATF750C-10GM/883 ATF750C-15GM/883 ATF750C-10NM/883 |
High-speed Complex Programmable Logic Device 15NS, PLCC, IND TEMP, GREEN(EPLD) EE PLD, 15 ns, PQCC28 750 GATE EPLD,15NS,CERDIP,883C COMPLIANT(EPLD) EE PLD, 15 ns, CDIP24 15NS, TSSOP, IND TEMP, GREEN(EPLD) EE PLD, 15 ns, PDSO24 Advanced, High-speed, Electrically-erasable Programmable Logic Device
|
ATMEL Corporation 聚兴科技股份有限公司 Atmel, Corp.
|
ATV2500B-15KM/883 ATV2500BL-20KM/883 ATV2500BQL-30 |
High-Speed High-Density UV Erasable Programmable Logic Device OT PLD, 20 ns, PDIP40 High-Speed High-Density UV Erasable Programmable Logic Device UV PLD, 30 ns, CQCC44 High-Speed High-Density UV Erasable Programmable Logic Device UV PLD, 15 ns, CQCC44 High-Speed High-Density UV Erasable Programmable Logic Device UV PLD, 25 ns, CQCC44 High-Speed High-Density UV Erasable Programmable Logic Device OT PLD, 25 ns, PQCC44 High-Speed High-Density UV Erasable Programmable Logic Device UV PLD, 25 ns, CDIP40 High-Speed High-Density UV Erasable Programmable Logic Device OT PLD, 25 ns, PDIP40 ER 4C 4#8 SKT RECP BOX Seals Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:MS3102; No. of Contacts:14; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Gender:Female RoHS Compliant: No Circular Connector; No. of Contacts:14; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:22-19 RoHS Compliant: No ER 14C 14#16 SKT RECP CONTROL KNOB RoHS Compliant: Yes ER 3C 3#8 SKT RECP BOX ER 7C 7#16 PIN RECP ER 3C 1#16 2#8 PIN RECP BOX ER 9C 9#16 PIN RECP
|
Atmel, Corp. Atmel Corp. http:// ATMEL Corporation
|
ATF750C-15 ATF750CL ATF750C ATF750C-10JC ATF750C-1 |
High-speed Complex Programmable Logic Device EE PLD, 10 ns, PQCC28 High-speed Complex Programmable Logic Device EE PLD, 10 ns, PDSO24 High-speed Complex Programmable Logic Device EE PLD, 15 ns, PQCC28 High-speed Complex Programmable Logic Device EE PLD, 15 ns, PDSO24 High-speed Complex Programmable Logic Device EE PLD, 15 ns, PDIP24 High-speed Complex Programmable Logic Device EE PLD, 7.5 ns, PQCC28
|
Atmel, Corp. ATM Electronic, Corp. Atmel Corp. ATMEL Corporation
|
ISPLSI1032EA-170LT100 ISPLSI1032EA-200LT100 1032EA |
60 MHz in-system prommable high density PLD 170 MHz in-system prommable high density PLD 125 MHz in-system prommable high density PLD 100 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid; Number of Pairs:4 RoHS Compliant: Yes In-System Programmable High Density PLD 在系统可编程高密度可编程逻辑器件
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
1024-60LH_883 ISPLSI1024-60LH_883 1024 1024-60LH/8 |
60 MHz in-system prommable high density PLD In-System Programmable High Density PLD EE PLD, 25 ns, PQCC68 :4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|
ISPLSI2032VL-135LT44I ISPLSI2096VL ISPLSI2096VL-10 |
2.5VIn-SystemProgrammableSuperFASTHighDensityPLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 8 ns, PQFP128 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP44
|
LATTICE[Lattice Semiconductor] LATTICE [Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ATF16V8C |
250 gate high speed electrically erasable PLD, 20 pins, 5V
|
Atmel
|
ISPLSI2032VE ISPLSI2032VE-110LB49 ISPLSI2032VE-110 |
225 MHz 3.3V in-system prommable superFAST high density PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST⑩ PLD 3.3V In-System Programmable High Density SuperFAST PLD IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 EE PLD, 13 ns, PQCC44 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 13 ns, PQFP44 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 6 ns, PQCC44 3.3V In-System Programmable High Density SuperFASTPLD 3.3在系统可编程高密度PLD的超快⑩ 3.3VIn-SystemProgrammableHighDensitySuperFASTPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
M4-96/48-10JI M4-96/48-10VC M4-96/48-10VI M4-96/48 |
D52 - GLENAIR EE PLD, 10 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 10 ns, PQFP208 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 10 ns, PQFP48 INDUSTRIAL TO RJ45 CAT6 PATCH CORD 5FT CONNECTOR ACCESSORY
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
|