PART |
Description |
Maker |
LT1098 LT1098L LT1096 LT1096L |
(LT1096 / LT1098) Micropower Sampling 8-Bit Serial I/O A/D Converters
|
Linear
|
A3210EUA-TL A3209-LH A3209-UA A3209EUA-TL A3209UA- |
MICROPOWER ULTRA-SENSITIVE HALL-EFFECT SWITCHES MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES MICROPOWER/ ULTRA-SENSITIVE HALL-EFFECT SWITCHES Micropower, Ultra-Sensitive Hall Effect Switch(微功耗,超敏感霍尔效应开 D38999/26WC8PN 320 x 240 pixel format, CFL backlight available with power harness
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc. http://
|
LTC1798CS8 LTC1798CMS8 LTC1798CMS8-5 LTC1798CMS8-4 |
Micropower Low Dropout References(4.1V杈??,寰?????浣??宸?ǔ???) Micropower Low Dropout References(3V输出,微功耗,低压差稳压器) 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3 V, PDSO8 Micropower Low Dropout References(2.5V输出,微功耗,低压差稳压器) Micropower Low Dropout References(4.1V输出,微功耗,低压差稳压器)
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LT1109A-12 LT1109-12 LT1109 LT1109CS8-12TRPBF |
From old datasheet system Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V Micropower Low Cost DC/DC Converter-Fixed 12V Micropower DC/DC Converter Flash Memory VPP Generator, Fixed 12V
|
LINEAR TECHNOLOGY CORP
|
ISL28133ISENS-EV1Z ISL28133FEZ-T7 ISL28133FHZ-T7 I |
Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
|
Intersil Corporation
|
LTC3424 LTC3423 LTC3424EMS LTC3423EMS |
Low Output Voltage, 3MHz Micropower Synchronous Boost Converters; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 2.8 A SWITCHING REGULATOR, 3000 kHz SWITCHING FREQ-MAX, PDSO10 3MHz, 2A Low Output Voltage Micropower Synchronous Boost Converters 3MHz, 1A Low Output Voltage Micropower Synchronous Boost Converters LOW OUTPUT VOLTAGE 3MHZ MICROPOWER SYNCHRONOUS BOOST CONVERTERS
|
Linear Technology, Corp. LINEAR[Linear Integrated Systems]
|
LTC1844-1.8 1844IA LTC1844ES5-1.8 LTC1844ES5-2.5 L |
150mA, Micropower, Low Noise, VLDO Linear Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 Hex Inverter 14-SOIC -40 to 85 150mA/ Micropower/ Low Noise/ VLDO Linear Regulator 150mA Micropower, Low Noise, Ultralow Dropout LDO From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LTC201 LTC202C LTC203CS LTC203MJ LTC201A LTC201AC |
Micropower, Low Charge Injection,Quad CMOS Analog Switches QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, CDIP16 Micropower Low Charge InjectionQuad CMOS Analog Switches Micropower/ Low Charge Injection/Quad CMOS Analog Switches Micropower, Low Charge Injection, Quad CMOS Analog Switches From old datasheet system
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. LINER[Linear Technology]
|
CMV1020YR CMV1020 CMV1020Y |
Micropower RRO operational amplifier MICROPOWER PRO OPERATIONAL AMPLIFIER 微功耗运算放大器专业
|
California Micro Devices Corporation California Micro Device...
|
LT1108 LT1108-12 LT1108-5 LT1108CN8 LT1108CN8-12 L |
4-Bit Synchronous Up/Down Binary Counters With Dual Clock and Clear 16-SOIC 0 to 70 From old datasheet system Micropower DC/DC Converter Adjustable and Fixed 5V, 12V Micropower DC/DC Converter Adjustable and Fixed 5V/ 12V
|
LINEAR TECHNOLOGY CORP LINER[Linear Technology]
|
ADT7301ARM ADT7301ARM-REEL ADT7301ARM-REEL7 ADT730 |
DIGITAL TEMP SENSOR-SERIAL, 13BIT(s), 4Cel, RECTANGULAR, SURFACE MOUNT LEAD FREE, PLASTIC, MO-178AB, SOT-23, 6 PIN 13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit/ 0.5C Accurate/ MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit, ±1ºC Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 and 8-Lead MSOP
|
Analog Devices, Inc.
|