PART |
Description |
Maker |
LH28F008SAT LH28F008SAT-K85 |
8M Flash File Memory 8 MBIT(1 MBIT x 8) FLASH MEMORY
|
Sharp Electrionic Components
|
E28F004B5T60 E28F004B5T80 28F200B5 E28F400B5B60 E2 |
SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2/ 4/ 8 MBIT SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2 / 4 / 8 MBIT Dual-Slot, PCMCIA Analog Power Controller SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT 1M X 8 FLASH 5V PROM, 90 ns, PDSO48 DIRECTIONAL COUPLER, 20DB, SMT 256K X 8 FLASH 5V PROM, 70 ns, PDSO48 SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT 1M X 8 FLASH 5V PROM, 80 ns, PDSO48
|
Intel Corporation Intel Corp. Intel, Corp.
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
LXT971ABE M25P64-VME6P M25P64-VMF6P M27C400206 M27 |
Series One Watt Zeners 64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface 4 Mbit (256Kb x16) UV EPROM and OTP EPROM 8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM 64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory 4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory 5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs Serial access Real-Time Clock with alarm
|
1N4728A STMICROELECTRONICS[STMicroelectronics]
|
PM49FL002 PM49FL002T-33VC PM49FL002T-33VCE PM49FL0 |
2 Mbit / 4 Mbit 3.3 Volt-only Fimware Hub / LPC Flash Memory 2 Mbit / 4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory 2兆位/ 4兆位3.3伏,只固件集线器/ LPC快闪记忆
|
Programmable Microelectronics PMC-Sierra, Inc.
|
A25L05PMW-50UF A25L05PMF-50UF A25L16PMF-50 A25L16P |
Fiber Optic Connector RoHS Compliant: Yes 8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface 4 Mbit Uniform Sector, Serial Flash Memory 4兆位统一部门,串行闪
|
AMIC Technology Corporation http:// AMIC Technology, Corp.
|
SST25VF040-20-4E-QA SST25VF040-20-4E-QAE SST25VF04 |
2 Mbit / 4 Mbit SPI Serial Flash 4 Mbit Uniform Sector, Serial Flash Memory 4M X 1 FLASH 2.7V PROM, DSO8 4 Mbit Uniform Sector, Serial Flash Memory 4M X 1 FLASH 2.7V PROM, PDSO8
|
Silicon Storage Technol... Silicon Storage Technology, Inc. Microchip Technology Inc.
|
M25PE80-VMP6T M25PE80-VMW6P M25PE80-VMP6P M25PE80- |
4 Mbit Uniform Sector, Serial Flash Memory 4兆位统一部门,串行闪 COIL CHOKE 27MH .50A RADIAL 8兆位,低电压,页面与字节可擦除串行闪存更改性,50MHz的SPI总线,标准品 8 Mbit, Low Voltage, Page-Erasable Serial Flash Memory with Byte-Alterability, 50MHz SPI Bus, Standard Pin-out
|
STMicroelectronics N.V. ST Microelectronics
|
AM41PDS3224D |
32 Mbit (2 M x 16-Bit) CMOS 1.8 Volt-only. Simultaneous Operation Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM (Preliminary) 32兆位米16位)的CMOS电压1.8只。同时采取行动,页面模式闪存兆位12x 8-Bit/256x 16位),静态存储器(初步) Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
Advanced Micro Devices
|
M29W064FB70N3E M29W064FB70N3F M29W064FT90N3E M29W0 |
64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
|
Numonyx B.V
|
M36W0R6040B3ZAQE M36W0R6050B3 M36W0R6050B3ZAQE M36 |
64-Mbit (4 Mbits ×16, multiple bank, burst) Flash memory and 16-Mbit (1 Mbit ×16) or 32-Mbit (2 Mbits x16) PSRAM MCP
|
Numonyx B.V http://
|