PART |
Description |
Maker |
MAX3212 MAX3212CAI MAX3212CWI MAX3212EAI MAX3212EW |
2.7V to 3.6V-Powered, 1μA Supply Current, 3-Driver/5-Receiver, True RS-232Transceiver 2.7V to 3.6V-Powered, 1A Supply Current, 3-Driver/5-Receiver, True RS-232Transceiver 2.7V to 3.6V-Powered, 1レA Supply Current, 3-Driver/5-Receiver, True RS-232Transceiver 2.7V to 3.6V-Powered / 1A Supply Current / 3-Driver/5-Receiver / True RS-232Transceiver 2.7V H106to 3.6V-Powered, G106E1043-Driver/5-Receiver, True RS-232 F105Transceiver(2.7~3.6V,自动关闭方式,235kbps,RS-232收发
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADM205-ADM211 ADM210 ADM211AR ADM211ARS ADM207ARS |
0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors QUAD LINE TRANSCEIVER, PDSO28 0.1 uF/ 5 V Powered CMOS RS-232 Drivers/Receivers 0.1 mF. 5 V Powered CMOS RS-232 Drivers/Receivers
|
ANALOG DEVICES INC Analog Devices, Inc.
|
HIN213 HIN202 HIN202_05 HIN206 HIN207 HIN208 HIN21 |
5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors 5V Powered RS-232
Transmitters/Receivers Features(伏电源电压RS-232收发 5V Powered RS-232 Transmitters/Receivers with 0.1µF External Capacitors; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R DUAL LINE TRANSCEIVER, PDSO16 5V Powered RS-232 Transmitters/Receivers Features(伏电源电RS-232收发 5V的供RS - 232发送器/接收功能(正5伏电源电压的RS - 232收发器) 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors QUAD LINE TRANSCEIVER, PDSO24 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors QUAD LINE TRANSCEIVER, PDSO28 5V Powered RS-232 Transmitters/Receivers with 0.1µF External Capacitors; Temperature Range: 0°C to 70°C; Package: 16-PDIP DUAL LINE TRANSCEIVER, PDIP16
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HIN208CB-T HIN211CA-T HIN211CB-T HIN213CA-T HIN207 |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDSO16 5V Powered RS-232 Transmitters/Receiverswith 0.1Microfarad External Capacitors 5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
|
Intersil, Corp. INTERSIL[Intersil Corporation] Harris Corporation
|
ST3485EC ST3485EB ST3485ECN ST3485E ST3485EBD ST34 |
3.3V POWERED, 15KV ESD PROTECTED, TRANSMIT ANT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER 3.3V POWERED, 15KV ESD PROTECTED, TRANSMIT ANT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER 3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER 3.3V供电5KV静电保护,TRASMIT高达12Mbps的真RS-485/RS-422收发 Stratix FPGA 40K FBGA-1508 3.3V供电15KV静电保护。发送蚂蚁可2Mbps真RS-485/RS-422收发
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
MAX1069 MAX1069ACUD MAX1069BCUD MAX1069CCUD MAX106 |
0.3-6V; 58.6ksps, 14-bit, 2-wire serial 8-bit serial ADC. For hand-held portable applications, medical instrumnets, battery-powered test equipment, solar-powered remote systems, received-signal-strength indicators, system supervision 58.6ksps 14-Bit 2-Wire Serial ADC " 58.6ksps, 14-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP" 58.6ksps / 14-Bit / 2-Wire Serial ADC
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX232 MAX232CSE MAX232CPE MAX232CWE |
5V-Powered, Multichannel RS-232
|
Tiger Electronic Co.,Ltd
|
AMS6206 |
Battery powered equipment
|
Advanced Monolithic Sys...
|
CMX878 |
Line Powered Modem plus DAA
|
CMLMICRO[CML Microcircuits]
|
CMX878D6 |
Line powered modem plus DAA.
|
CONSUMER MICROCIRCUITS LIMITED
|
UG-065 |
Battery-powered for portable applications
|
Analog Devices
|
TS1108-20IQT163 TS1108-200IQT1633 |
Portable/Battery-Powered Systems
|
Silicon Laboratories
|