PART |
Description |
Maker |
AM28F512-120EC AM28F512-120ECB AM28F512-120EE AM28 |
512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory
|
AMD[Advanced Micro Devices]
|
AM27C256 AM27C256-120DC AM27C256-120DCB AM27C256-1 |
256 Kilobit (32 K x 8-Bit) CMOS EPRO 256 Kilobit (32 K x 8-Bit) CMOS EPROM Quad 2-input positive-OR gates 14-PDIP 0 to 70 Quad 2-input positive-OR gates 14-SO 0 to 70 Universal shift / storage registers 20-PDIP 0 to 70 8-input positive-NAND gates 14-SO 0 to 70 Quad 2-input positive-OR gates 14-SOIC 0 to 70 Quad 2-input positive-OR gates 14-SSOP 0 to 70 8-Line To 3-Line Priority Encoder 16-SOIC 0 to 70 32K X 8 UVPROM, 70 ns, CDIP28 Hex Bus Drivers With 3-State Outputs 16-SOIC 0 to 70 32K X 8 UVPROM, 90 ns, CDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 UVPROM, 45 ns, CDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 OTPROM, 120 ns, PQCC32 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 OTPROM, 200 ns, PQCC32 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 OTPROM, 70 ns, PDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 OTPROM, 90 ns, PDIP28 Hex Bus Drivers With 3-State Outputs 16-PDIP 0 to 70 32K X 8 OTPROM, 90 ns, PQCC32 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 UVPROM, 120 ns, CDIP28 Quad 2-input positive-NOR buffers with open collector outputs 14-SOIC 0 to 70 32K X 8 UVPROM, 55 ns, CDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 UVPROM, 90 ns, CDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 UVPROM, 150 ns, CDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 UVPROM, 250 ns, CDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 OTPROM, 55 ns, PDIP28 256 Kilobit (32 K x 8-Bit) CMOS EPRO 32K X 8 OTPROM, 70 ns, PQCC32
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. Rochester Electronics, LLC ADVANCED MICRO DEVICES INC
|
MSM64Q424-NGS-K MSM64422-XXXMS-K MSM64424-XXXMS-K |
Built-in 256/512-Bit EEPROM and LCD Driver 4-Bit Microcontroller 内置256/512-Bit EEPROM和LCD驱动位微控制
|
OKI SEMICONDUCTOR CO., LTD.
|
PEB2465H |
Voice Access - SICOFI4 (IOM) Single Chip CMO
|
Infineon
|
R1LP0408C R1LP0408CSB-5SI R1LP0408CSB-7LI R1LP0408 |
Wide Temperature Range Version 4 M SRAM (512-kword ??8-bit) R1LP0408C-I Series Datasheet 78K/AUG.01.03 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 】 8-bit) Memory>Low Power SRAM
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor] Renesas
|
AM28F256A AM28F256A-120EC AM28F256A-120ECB AM28F25 |
256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
|
AMD[Advanced Micro Devices]
|
AM28F256A-120EC AM28F256A-120ECB AM28F256A-120EE A |
256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory with Embedded Algorithms
|
Advanced Micro Devices
|
SRI51211 SRI512 SRI512-SBN18/1GE |
512-bit ISO14443-B contactless memory with 2 binary counters, 5 OTP blocks and anti-collision 13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
|
ST Microelectronics STMicroelectronics
|
AM29LL800BB-150EC AM29LL800BB-150FIB AM29LL800BB-1 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 2.2V PROM, 200 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 2.2V PROM, 200 ns, PDSO48 Quadruple Bus Buffer Gates With 3-State Outputs 14-SSOP -40 to 85 1M X 8 FLASH 2.2V PROM, 150 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 8兆位1 M中的x 8-Bit/512亩x 16位).2伏的CMOS只引导扇区闪
|
Advanced Micro Devices, Inc.
|
AM41DL3208GB70I AM41DL3208GB85I AM41DL3208GT30IT A |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices] SPANSION
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
IDT72235LB IDT72205LB IDT72225LB IDT72215LB IDT722 |
4K x 18 SyncFIFO, 5.0V 2K x 18 SyncFIFO, 5.0V 1K x 18 SyncFIFO, 5.0V 512 x 18 SyncFIFO, 5.0V 256 x 18 SyncFIFO, 5.0V CMOS SyncFIFO? Low Voltage 28-Bit Flat Panel Display Link Serializers; Package: TSSOP; No of Pins: 56; Container: Tape & Reel TUBING, TFE 20GA TUBE, THN, TEF, NAT, 24AWG 256 X 18 OTHER FIFO, 10 ns, PQFP64 PLASTIC, TQFP-64 256 X 18 OTHER FIFO, 15 ns, PQFP64 PLASTIC, TQFP-64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 256 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 512 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 4K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 的CMOS SyncFIFOO 256 × 1812 × 18024 × 18048 × 18096 × 18 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 6.5 ns, PQCC68 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 6.5 ns, PQFP64
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Cypress Semiconductor, Corp. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technolog...
|
|