PART |
Description |
Maker |
G65SC02ALI-1 G65SC02AX-4 G65SC02AX-2 G65SC02AEI-5 |
CMOS G65SC02-A 8-BIT MICROPROCESSOR High I , Axial Choke Microprocessor 微处理器 8-Bit Microprocessor 8位微处理 CMOS G65SC02-A 8-BIT MICROPROCESSOR
|
California Micro Devices Corporation
|
MD80C88_B MD80C88/B IP80C88-2 CP80C88 CS80C88 P80C |
16-BIT, 5 MHz, MICROPROCESSOR, CDIP40 16-BIT, 5 MHz, MICROPROCESSOR, PQCC44 CMOS 8-/16-Bit Microprocessor 16-BIT, 5 MHz, MICROPROCESSOR, PDIP40
|
Intersil Corporation
|
TD7103F TMPZ84C00AP-10 TMPZ84C00AM-8 TMPZ84C00AT-8 |
TD71 SERIES, PRESCALER 8-BIT, 10 MHz, MICROPROCESSOR, PDIP40 8-BIT, 8 MHz, MICROPROCESSOR, PDSO40 8-BIT, 8 MHz, MICROPROCESSOR, PQCC44
|
|
N80C186XL-16 A80C186XL-16 N80C188XL-16 TR80C188XL- |
16-Bit Microprocessor 16位微处理 Microprocessor 微处理器
|
Panduit, Corp. RF Monolithics, Inc.
|
MPC8543VUANG MPC8543VUANGA MPC8543VUANGB MPC8548VT |
32-BIT, 800 MHz, MICROPROCESSOR, CBGA783 29 X 29 MM, 1 MM PITCH, FLIP CHIP, LEAD FREE, CERAMIC, BGA-783 32-BIT, 1000 MHz, MICROPROCESSOR, PBGA783 32-BIT, 1000 MHz, MICROPROCESSOR, CBGA783
|
Freescale Semiconductor, Inc. FREESCALE SEMICONDUCTOR INC
|
80C88/883 80C88 |
Microprocessor, 8/16 Bit, CMOS, 883 Compliant, Process Speed 8MHz Microprocessor, 8/16 Bit, CMOS, Process Speed 5 and 8MHz Microprocessor 3.08V Reset Monitor, -40C to 125C, 3-SC-70, T/R 16位产品的CMOS微处理器
|
Intersil
|
PC7410 PC7410VGHU500N PC7410VGSU400L PC7410VGSU400 |
32-bit RISC Microprocessor, 400-450 MHZ PowerPC 7410 RISC Microprocessor Product Specification 7410的PowerPC RISC微处理器产品规格
|
Atmel, Corp. Atmel Corp.
|
MC68EC030FE40C MC68EC030FE25C MC68EC030FE25CB1 MC6 |
32-BIT, 40 MHz, MICROPROCESSOR, CQCC132 CERQUAD-132 32-BIT, 25 MHz, MICROPROCESSOR, CQCC132 CERQUAD-132 32-BIT, 25 MHz, MICROPROCESSOR, CQFP132 CERAMIC, QFP-132 32-BIT, 25 MHz, MICROPROCESSOR, CPGA128
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
MAX8215 MAX8215CPD MAX8215CSD MAX8215EJD MAX8215EP |
V, 2V (15V) Dedicated Microprocessor Voltage Monitors V的,2V的(15V的)专用微处理器电压监视 5V, 2V (5V) Dedicated Microprocessor Voltage Monitors 5V, 12V (15V) Dedicated Microprocessor Voltage Monitors ±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors 5V 12V (15V) Dedicated Microprocessor Voltage Monitors 【5V, 【12V (【15V) Dedicated Microprocessor Voltage Monitors ±5V, ±12V Dedicated µP Voltage Monitor 5V / 12V (15V) Dedicated Microprocessor Voltage Monitors
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
RM7065 RM7065A-300T RM7065A-350T RM7065A |
RM7065A⑩ Microprocessor with On-Chip Secondary Cache Data Sheet Preliminary 64-Bit MIPS RISC Microprocessor with Integrated L2 Cache RM7065A Microprocessor with On-Chip Secondary Cache Data Sheet Preliminary
|
PMC[PMC-Sierra, Inc] PMC[PMC-Sierra Inc]
|
P5CD051X1 P5CD051X0 P5CD051UE P5CD051UA P5CD051A6 |
Secure dual interface and contact PKI smart card controller SPECIALTY MICROPROCESSOR CIRCUIT, PQCC32 SPECIALTY MICROPROCESSOR CIRCUIT, XMA3
|
NXP Semiconductors
|
364TG 364B 364UYL 364UOL 364PG 364UB 364G |
Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset Surface Mount Chip LEDs 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 表面贴装芯片LED
|
Electronic Theatre Controls, Inc.
|