PART |
Description |
Maker |
HEF4069 HEF4069UB HEF4069UBD HEF4069UBF HEF4069UBN |
HEF4069UB gates; Hex inverter CERAMIC CHIP/MIL-PRF-55681 Hex inverter; Package: SOT108-1 (SO14) Reel Pack, SMD, 13" 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Hex inverter; Package: SOT108-1 (SO14); Container: Tube 4000/14000/40000 SERIES, HEX 1-INPUT INVERT GATE, PDSO14 LOGIC GATE|HEX INVERTER|CMOS|SOP|14PIN|PLASTIC
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MC74ACT05DR2 MC74ACT05DR2G MC74AC05N MC74ACT05D 74 |
Hex Inverter with Open−Drain Outputs AC SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Hex Inverter with Open−Drain Outputs
|
ONSEMI[ON Semiconductor]
|
AT89C52-12QA AT89C52-24AI AT89C52-16JA AT89C52-16Q |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 Hex Inverter 14-VQFN -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SSOP -40 to 125 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP44 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDIP40 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 8K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44
|
Atmel Corp. Atmel, Corp.
|
74LCXU04TTR 74LCXU04 74LCXU04MTR |
LOW VOLTAGE CMOS HEX INVERTER(SINGLE STAGE) WITH 5V TOLERANT INPUTS CMOS HEX INVERTER WITH 5V TOLERANT INPUT
|
意法半导 STMicroelectronics ST Microelectronics
|
74HCU04BQ |
Hex inverter HC/UH SERIES, HEX 1-INPUT INVERT GATE, PQCC14
|
NXP Semiconductors N.V.
|
MC74LVX04DTR2 MC74LVX04DR2 |
Hex Inverter With 5 V−Tolerant Inputs LV/LV-A/LVX/H SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
ON Semiconductor
|
74ACT04_01 74ACT04B 74ACT04M 74ACT04MTR 74ACT04TTR |
HEX SCHMITT INVERTER HEX INVERTER
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
74LCX14MNL |
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs LVC/LCX/Z SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
Fairchild Semiconductor, Corp.
|
MC74LCXU04DR2 |
Low-Voltage CMOS Unbuffered Hex Inverter With 5 V−Tolerant Inputs LVC/LCX/Z SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
ON Semiconductor
|
AT89C55-24PI AT89C55-16PA AT89C55-24PC AT89C55-24A |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SO -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 8-Bit Microcontroller with 20K Bytes Flash Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-TSSOP -40 to 125 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44
|
Atmel Corp. Atmel, Corp.
|
74LVX05 74LVX05MTR 74LVX05TTR |
LOW VOLTAGE HEX INVERTER (OPEN DRAIN) LOW VOLTAGE CMOS HEX INVERTER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MM74HC04MTCX MM74HC04MTCXNL MM74HC04MTCNL MM74HC04 |
Hex Inverter From old datasheet system CERAMIC CHIP/MIL-PRF-55681 HC/UH SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|