PART |
Description |
Maker |
M410000027 M410000022 M41000001Z M41000001W |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM 32兆位个M × 8 2米x 16位).0伏的CMOS只,同时作业闪存兆位12亩x 8-Bit/256亩x 16位),静态存储器
|
Advanced Micro Devices, Inc.
|
AM41LV3204MT10IT |
Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
|
Advanced Micro Devices, Inc.
|
AM41LV3204M M410000095 M410000096 AM41LV3204MT10IT |
Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
|
SPANSION[SPANSION] AMD[Advanced Micro Devices]
|
AM41PDS3228DT10IS AM41PDS3228DB10IT AM41PDS3228DT1 |
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
AM41PDS3224DT10IS AM41PDS3224DT100IS AM41PDS3224DT |
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
AM41DL6408G AM41DL6408G70IS AM41DL6408G70IT AM41DL |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
AMD[Advanced Micro Devices] SPANSION[SPANSION]
|
KM68257E KM68257E-10 KM68257E-12 KM68257E-15 KM682 |
32Kx8 bit high-speed CMOS static RAM (5V operating), 15ns 32Kx8 bit high-speed CMOS static RAM (5V operating), 10ns 32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges. 32Kx8位高速CMOS静态RAMV的工作),在商业和工业温度范围操作 32Kx8 bit high-speed CMOS static RAM (5V operating), 12ns
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
KM684000 KIM684000L-8L KIM684000-10 KIM684000-5 KI |
512Kx8 bit CMOS static RAM, 85ns, low power 512Kx8 bit CMOS static RAM, 100ns, low power 524/ 288 WORD x 8 BIT HIGH SPEED CMOS STATIC RAM PT 16C 16#16 PIN PLUG 524, 288 WORD x 8 BIT HIGH SPEED CMOS STATIC RAM 52488字8位高速CMOS静态RAM
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
AM41DL16X4D AM41DL1614DT70IS SPANSIONLLC-AM41DL162 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA69 Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
http:// ADVANCED MICRO DEVICES INC SPANSION LLC Advanced Micro Devices, Inc.
|
M5M51016BRT-10VL-I M5M51016BRT-10VLL-I M5M51016BTP |
From old datasheet system 1048576-BIT CMOS STATICRAM 1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM 1048576-bit (65536-word by 16-bit) CMOS static RAM
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|