PART |
Description |
Maker |
MIC2075-1YM MIC202510 MIC2025-1YM MIC2025-2YM MIC2 |
Single-Channel Power Distribution Switch MM8庐 Single-Channel Power Distribution Switch MM8? 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Analog Switch / Multiplexer (Mux) IC; On-Resistance, Rds(on):140mohm; Number of Channels:1; Leakage Current:10mA; Package/Case:8-SOP; Mounting Type:Surface Mount
|
Micrel Semiconductor MICREL INC
|
IPS022G IPS022GTR IPS022GPBF |
5.5 A 2 CHANNEL, BUF OR INV BASED PRPHL DRVR, PDSO8 DUAL FULLY PROTECTED POWER MOSFET SWITCH Intelligent Power Switch 2 Channel Low Side Driver in a SO-8 Package
|
IRF[International Rectifier]
|
ZL50075 ZL50074GAG2 ZL50074GAC ZL50075GAC ZL50075G |
32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs 32 K x 32 K Channel TDM Switch with 128 Input and 128 Output Streams
|
Zarlink Semiconductor Inc
|
CD22M3494EZ |
16 x 8 x 1 BiMOS-E Crosspoint Switch 16-CHANNEL, CROSS POINT SWITCH, PDIP40
|
Intersil, Corp.
|
MT90866AG2 MT90866 |
Flexible 4 K x 2.4 K Channel Digital Switch with H.110 Interface and 2.4 K x 2.4 K Local Switch
|
ZARLINK[Zarlink Semiconductor Inc]
|
BTS441R BTS441 BTS441RG BTS441RS Q67060-S6119 Q670 |
Smart Highside Power Switch One Channel: 20mз Status Feedback IC,PERIPHERAL DRIVER,1 DRIVER,CMOS/MOS,SIP,5PIN,PLASTIC From old datasheet system Smart Highside Power Switch One Channel: 20m Status Feedback Smart High Side Switches - 4,75-41V, 20mΩ 21A TO220 or TO 263 Smart Highside Power Switch One Channel: 20m?/a> Status Feedback
|
INFINEON[Infineon Technologies AG]
|
MAX4948EBAT MAX4947EBAT |
Hex SPDT Data Switch HEX 6-CHANNEL, SGL POLE DOUBLE THROW SWITCH, BGA25 Hex SPDT Data Switch TRIPLE 3-CHANNEL, DBL POLE DBL THROW SWITCH, BGA25
|
Maxim Integrated Products, Inc.
|
ZL50073NBSP ZL50073 ZL50073GAC |
32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps) From old datasheet system 32 K Channel Digital Switch with High Jitter Tolerance, SONET/SDH Clock Multiplier PLL
|
ZARLINK[Zarlink Semiconductor Inc]
|
2N5018 2N5019 2N5018-TO-18 |
P-CHANNEL, Si, SMALL SIGNAL, JFET, TO-18 TO-18, 3 PIN SINGLE P-CHANNEL JFET SWITCH P-Channel, Single, JFET Switch
|
Linear Integrated System, Inc LINEAR[Linear Integrated Systems] Linear Systems
|
J300B TP6451 TP5952 TP5951 TP6449 TP6450 MPF108 |
TRANSISTOR | JFET | N-CHANNEL | 15MA I(DSS) | TO-92 ; No. of Switch Positions:2; Number of Positions:2; Switch Features:Tumbler Lock With Detent Detection Switch; Contact Current Max:300mA; Circuitry:SPDT; Actuator Style:Hinge Lever; Current Rating:0.3A; Leaded Process Compatible:Yes; Mounting Rotary Keylock Switch; Key Removal Position:Center; Circuitry:SPST; Indexing:90 ; Contact Current Max:4A; Leaded Process Compatible:Yes Keylock Switch; Contact Current Max:4A; No. of Poles:2; Indexing:90 ; Switch Terminals:Solder Lug; Key Removal Position:1; Leaded Process Compatible TRANSISTOR | JFET | N-CHANNEL | 25V V(BR)DSS | 24MA I(DSS) | TO-92 晶体管|场效应| N沟道| 25V的五(巴西)直| 24mA的我(直)|92
|
东电?中国)投资有限公司
|
SI3831DV |
Bi-Directional P-Channel MOSFET/Battery Disconnect Switch Bi-Directional P-Channel MOSFET/Power Switch
|
VISAY[Vishay Siliconix]
|