PART |
Description |
Maker |
FST34X2245QSP FST34X2245 |
32-Bit Bus Switch with 25-Ohm Series Resistors in Outputs 32-Bit Bus Switch with 25 Series Resistors in Outputs From old datasheet system 32-Bit Bus Switch with 25з Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PDSO80
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
54HHSC125FD 54HHSC165LD 54HSC74LC 54HST574LC 54QHS |
HSC SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, CDFP14 HSC SERIES, 8-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, COMPLEMENTARY OUTPUT, CQCC20 HSC SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CQCC20 HST/T SERIES, 8-BIT DRIVER, TRUE OUTPUT, CQCC20 HSC SERIES, 8-BIT IDENTITY COMPARATOR, INVERTED OUTPUT, CDFP20 HST/T SERIES, 8-BIT ENCODER, CDIP16 HST/T SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, UUC HSC SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, UUC HST/T SERIES, OTHER DECODER/DRIVER, INVERTED OUTPUT, CDIP24 HST/T SERIES, OTHER DECODER/DRIVER, INVERTED OUTPUT, CDFP24 HST/T SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CQCC20 HST/T SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CDFP14 HST/T SERIES, QUAD 2-INPUT AND GATE, UUC HSC SERIES, 8-BIT DRIVER, TRUE OUTPUT, CQCC20 HSC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, CQCC20
|
|
IDT49C460EJB IDT49C460DFF IDT49C460AG IDT49C460AJ |
Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:90; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 32位CMOS错误检测和纠正装置 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, CQFP68 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, CPGA68 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT 49C SERIES, 32-BIT ERROR DETECT AND CORRECT CKT, PQCC68
|
Integrated Device Technology, Inc.
|
74AC373MTC 74AC373PC 74AC373SC 74AC373SJ 74ACT373M |
From old datasheet system Octal Transparent Latch with 3-STATE Outputs AC SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 CMOS, 12-Bit, µP-Compatible DAC AC SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
H8/3690 H8/3693 H8/3694F H8/3692 HD6433693 H8/3694 |
(HD64xxxx Series) 16-BIT MICROCONTROLLER 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series 16位单片机H8 Family/H8/300H Tiny系列
|
Renesas Electronics Corporation. Renesas Electronics, Corp.
|
HCTS85MS02 HCTS85MS HCTS85DMSR HCTS85K/SAMPLE |
HCT SERIES, 4-BIT MAGNITUDE COMPARATOR, TRUE OUTPUT, CDFP16 HCT SERIES, 4-BIT MAGNITUDE COMPARATOR, TRUE OUTPUT, CDIP16 Radiation Hardened 4-Bit Magnitude Comparator Comparator, Digital, Magnitude, 4-Bit, TTL Inputs, Rad-Hard, High-Speed, CMOS, Logic
|
Intersil Corporation
|
74LCX841WM 74LCX841 74LCX841MSA 74LCX841MTC 74LCX8 |
Low Voltage 10-Bit Transparent Latch with 5V Tolerant Inputs and Outputs LVC/LCX/Z SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24 10-Bit D-Type Latch LVC/LCX/Z SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
SN54-74LS90 SN54_74LS93 SN54_74LS90 SN74LS90N SN74 |
DECADE COUNTER DIVIDE-BY-TWELVE COUNTER 4-BIT BINARY COUNTER From old datasheet system DECADE COUNTER DIVIDE-BY-TWELVE COUNTER 4-BIT BINARY COUNTER DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER 十年计数分频12项反4位二进制计数 DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER LS SERIES, ASYN NEGATIVE EDGE TRIGGERED 3-BIT UP DECADE COUNTER, CDIP14 DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER LS SERIES, ASYN NEGATIVE EDGE TRIGGERED 3-BIT UP DECADE COUNTER, PDIP14 Sensitive Gate Silicon Controlled Rectifier; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 LS SERIES, ASYN NEGATIVE EDGE TRIGGERED 3-BIT UP BINARY COUNTER, PDSO14
|
ONSEMI[ON Semiconductor]
|
MC68602 MC6805 |
(M6800 Series) 8 Bit MPU / MCU / Peripherals 8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS
|
Motorola, Inc
|
HD4043312 |
(HD404339 Series) 4-bit HMCS400-Series microcomputer
|
Hitachi Semiconductor
|
74LCX162374 74LCX162374GX 74LCX162374MEA 74LCX1623 |
Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26з Series Resistors LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 16-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26 Series Resistors From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistors Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
|