PART |
Description |
Maker |
FQD12P10 FQU12P10 FQD12P10TF FQD12P10TM |
100V P-Channel MOSFET 100V P-Channel QFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQU5P10 FQD5P10 FQD5P10TF FQD5P10TM |
100V P-Channel MOSFET 100V P-Channel QFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQD13N10L FQU13N10L FQU13N10LTU FQD13N10LTF FQD13N |
100V N-Channel Logic Level QFET 100V LOGIC N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQB13N10L FQI13N10L FQB13N10LTM |
100V N-Channel Logic Level QFET 100V LOGIC N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQB33N10 FQB33N1004 FQB33N10TM FQI33N10 |
100V N-Channel MOSFET(婕???靛?涓?00V??娌??澧?己??OS?烘?搴??) 100V N-Channel QFET 100 N-Channel MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP http:// FAIRCHILD[Fairchild Semiconductor]
|
IRF5Y9540CM |
-100V Single P-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 100V, P-CHANNEL POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.117ohm, Id=-18A)
|
International Rectifier
|
FQT5P10 FQT5P10TF |
250V N-Channel MOSFET 100V P-Channel QFET
|
Fairchild Semiconductor
|
FQB34P10TM FQB34P10TM-F085 |
100V P-Channel MOSFET -33.5A, -100V, RDS(on) = 0.06Ω @VGS = -10 V
|
Fairchild Semiconductor
|
IRF5Y3710CM |
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.035ohm, Id=18A*) 功率MOSFET N沟道(减振钢板基本\u003d 100V的,的Rds(on)\u003d 0.035ohm,身份证\u003d 18A POWER MOSFET N-CHANNEL(Vdss=100V Rds(on)=0.035ohm Id=18A*) THRU-HOLE (TO-257AA) 100V, N-CHANNEL 100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package
|
International Rectifier, Corp. IRF[International Rectifier]
|
STS3C2F100 |
N-CHANNEL 100V - 0.110 OHM - 3A SO-8 P-CHANNEL 100V - 0.320 OHM - 1.5A SO-8 COMPLEMENTARY PAIR STripFET POWER MOSFET
|
ST Microelectronics
|
IRF150 JANTXV2N6764 JANTX2N6764 |
100V Single N-Channel Hi-Rel MOSFET in a TO-204AE package TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.055ohm, Id= 38A) TRANSISTORS N-CHANNEL(Vdss=100V/ Rds(on)=0.055ohm/ Id= 38A)
|
IRF[International Rectifier]
|