PART |
Description |
Maker |
AT24C64 AT24C64-10PC AT24C64-10PC-1.8 AT24C64-10PC |
128 x 64 pixel format, LED or EL Backlight available 2-WireSerialEEPROM ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,M:ML043MW015 M Series (0.4") I/O Module 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Quadruple 2-Input Positive-OR Gates 14-VQFN -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 16 characters x 4 Lines, 5x7 Dot Matric Character and Cursor 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 2-Wire Serial EEPROM 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 16 characters x 4 Lines, 5x7 Dot Matric Character and Cursor 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CAP 2.2UF 16V 10% TANT SMD-3216-18 TR-13 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 Hex Buffers And Line Drivers With 3-State Outputs 16-SSOP -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 Quadruple 2-Input Positive-OR Gates 14-TSSOP -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14
|
ATMEL[ATMEL Corporation] Atmel Corp. ATMELCorporation Atmel, Corp. ATM Electronic, Corp. TE Connectivity, Ltd.
|
AT24C04B09 AT24C04B-PU AT24C04B-TH-B AT24C04B-TH-T |
Two-wire Serial EEPROM 8-ULTRA THIN MINI MAP,PB/HALO FREE,1.8V(SERIAL EE) 512 X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 8-DBGA2,PB/HALO FREE,1.8V(SERIAL EE) 512 X 8 I2C/2-WIRE SERIAL EEPROM, PBGA8 8-PDIP, Pb/HALO FREE, 1.8V(SERIAL EE) 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 DIE SALE,1.8V, 11MIL(SERIAL EE) 512 X 8 I2C/2-WIRE SERIAL EEPROM, UUC
|
ATMEL Corporation 聚兴科技股份有限公司 Atmel, Corp.
|
AT93C46A |
Three-wire Automotive Temperature Serial EEPROM
|
http://
|
AT24C02B0701 |
Two-wire Automotive Temperature Serial EEPROM
|
Atmel Corp.
|
AT24HC02B_0701 AT24HC02B |
Two-wire Automotive Temperature Serial EEPROM
|
ATMEL[ATMEL Corporation]
|
AT24C04A AT24C02A AT24C02A_07 |
Two-wire Automotive Temperature Serial EEPROM
|
ATMEL[ATMEL Corporation]
|
AT34C02CN-SP25-B AT34C02CN-SP25-T AT34C02C09 AT34C |
Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
|
ATMEL Corporation
|
FM24C08U_09U FM24C16U_17U FM24C02U FM24C04U_05U FM |
I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 90POS DUAL T/H M1 - M1 CABLE 6 FEET 2K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 2K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AT24C32AW-10SI-1.8 AT24C64AW-10SI-1.8 AT24C32AW-10 |
2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8) CTV 3C 3#20 PIN WALL RECP The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each ECONOLINE: RSZ/P - 1kVDC 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 VARSITOR 11VRMS 0805 SMD 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
ATMEL Corporation Atmel Corp. Atmel, Corp. http://
|
AT24C16C-SSHM-T AT24C16C-SSHM-B AT24C16C-WWU11M |
Two-wire Serial Electrically Erasable and Programmable Read-only Memory 2K X 8 I2C/2-WIRE SERIAL EEPROM, UUC
|
ATMEL Corporation
|
AT24C16B09 AT24C16BN-SH-T AT24C16BY6-YH-T AT24C16B |
DIE SALE, 11 MILS, 1.8V(SERIAL EE) 2M X 8 I2C/2-WIRE SERIAL EEPROM, UUC Two-wire Serial EEPROM
|
Atmel, Corp. http:// 聚兴科技股份有限公司 ATMEL Corporation
|