PART |
Description |
Maker |
AM500004V6 AM50-0004V6 |
High Dynamic Range Low Noise Amplifier
|
M/A-Com
|
AM500004V6 AM50-0004V6 AM50-0004 AM50-0004SMB AM50 |
High Dynamic Range Low Noise Amplifier
|
MACOM[Tyco Electronics]
|
CFB0301 PB-CFB0301 CFB0301-000T |
High Dynamic Range Low-Noise GaAs FET
|
Mimix Broadband
|
TC2141 |
Low Noise and High Dynamic Range Packaged GaAs FETs
|
Transcom, Inc.
|
AM50-0003RTR |
800-100 MHz, high dynamic range low noise amplifier
|
MA-Com
|
PA1214 |
1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
|
MACOM[Tyco Electronics]
|
PA1219 |
1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
|
MACOM[Tyco Electronics]
|
AM50-0003 AM50-0003RTR AM50-0003SMB AM50-0003TR AM |
High Dynamic Range Low Noise Amplifier 800-1000 MHz LJT 128C 128#22D SKT WALL RECP
|
MACOM[Tyco Electronics]
|
GALI-74 |
Surface Mount Monolithic Amplifier 50з, High dynamic range, DC to 1 GHz 0 MHz - 1000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER Surface Mount Monolithic Amplifier 50? High dynamic range, DC to 1 GHz Surface Mount Monolithic Amplifier 50/ High dynamic range/ DC to 1 GHz
|
Mini-Circuits
|
263371 263372 263373 263374 263375 263378 263379 2 |
Ultrasound Variable-Gain Amplifier Evaluation Kit for the MAX2039 High-Linearity, 1700MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch Quad-Channel, Ultra-Low-Noise Amplifier with Digitally Programmable Input Impedance High-Linearity, 1700MHz to 2200MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller Evaluation Kit for the MAX2016 5V, RS-232 Transceivers with 0.1µF External Capacitors Evaluation Kit for the MAX2015 8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs High-Dynamic-Range, Direct Up-/Downconversion, 750MHz to 1200MHz Quadrature Modulator/Demodulator High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator High-Linearity, 815MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs Evaluation Kit for the MAX2043 Evaluation Kit for the MAX2027 Evaluation Kit for the MAX1036 MAX2023 Evaluation Kit PHOTOLUM.WARNING STRIPS PHOTOLUM.WARNING带钢 WARNING TAPES STD.LUMINOUS
|
Panduit, Corp.
|
ISL2100909 ISL21009BFB812Z-TK ISL21009CFB850Z ISL2 |
High Voltage Input Precision, Low Noise FGA?Voltage References Precision, Low Noise FGAVoltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO8 Precision, Low Noise FGAVoltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 High Voltage Input Precision, Low Noise FGA Voltage References High Voltage Input Precision, Low Noise FGA™ Voltage References; Temperature Range: Full-Range Ind; Package: 8-SOIC T&R 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.25 V, PDSO8 High Voltage Input Precision, Low Noise FGAVoltage References
|
Intersil, Corp. Intersil Corporation
|