PART |
Description |
Maker |
RS401L |
DIO GBR 50V0 4A00 1PH 04SIP RS401L 4 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE
|
Diodes, Inc.
|
1N1202AR JANTX1N1202A 1N3673AR 1N1202A 1N1204A 1N1 |
Standard Rectifier (trr more than 500ns) Military Silicon Power Rectifier 12 A, 600 V, SILICON, RECTIFIER DIODE, DO-203AA
|
MICROSEMI CORP-LAWRENCE MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
S2D S2G S2B S2A S2M S2T S2W S2X S2Y S2J S2K S2A07 |
8 Slots: 2 IO-Slots on Standard Bus 2 A, 400 V, SILICON, RECTIFIER DIODE, DO-214AA 3 Slots: 2 IO-Slots on Standard Bus 2 A, 100 V, SILICON, RECTIFIER DIODE, DO-214AA 5 Slots: 4 IO-Slots on Standard Bus PISA®-Backplanes with ISA-, PCI- and/or PISA®-Slots All-In-One half size Pentium® M PISA® Slot-CPU. 4 Slots: 3 IO-Slots on Standard Bus 11 Slots: 10 IO-Slots on Standard Bus Surface Mount Si-Rectifiers
|
Diotec Semiconductor AG
|
BY550-800 BY550-100 BY550-1000 BY550-200 BY550-400 |
Standard silicon rectifier diodes 5 A, 1000 V, SILICON, RECTIFIER DIODE
|
SEMIKRON[Semikron International]
|
1N5408 1N5401RL 1N5408RL 1N5400 1N5400RL 1N5401 1N |
3A 200V Standard Recovery Rectifier 3A 800V Standard Recovery Rectifier 3A 400V Standard Recovery Rectifier AXIAL-LEAD STANDARD RECOVERY RECTIFIERS
|
ONSEMI[ON Semiconductor]
|
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
R306100 R306120 R30620 R30640 R30660 R30680 S30680 |
Standard Rectifier (trr more than 500ns) Silicon Power Rectifier
|
MICROSEMI[Microsemi Corporation]
|
BR66 BR62 BR68 BR605 BR61 BR610 BR64 |
SINGLE-PHASE SILICON BRIDGE RECTIFIER 6 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE ECONOLINE: ROM - Micro Size SIP4 Package- 3kVDC Isolation- Industry Standard Pinout- UL94V-0 Package Material- Custom Solutions Available- Cost
|
RECTRON[Rectron Semiconductor]
|
60S8 60S5 60S 60S05 60S1 60S10 60S2 60S4 60S6 |
Standard Rectifier (trr more than 500ns) 6 AMP AXIAL-LEAD SILICON RECTIFIER DIODES CONNECTOR ACCESSORY 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor
|
MICROSEMI[Microsemi Corporation]
|
1N2282 1N1185A 1N1612 1N3055 1N4510 1N3573R 1N1581 |
35 A, 300 V, SILICON, RECTIFIER DIODE, DO-5 40 A, 150 V, SILICON, RECTIFIER DIODE, DO-5 5 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 0.125 A, SILICON, SIGNAL DIODE 12 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4 3.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-4 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 1 A, 400 V, SILICON, SIGNAL DIODE, DO-4 1 A, 200 V, SILICON, SIGNAL DIODE, DO-4 0.8 A, SILICON, SIGNAL DIODE 35 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 275 A, 150 V, SILICON, RECTIFIER DIODE, DO-9
|
|
|