PART |
Description |
Maker |
TA8264AH |
Max Power 41 W BTL 4 ch Audio Power IC 最大功1糯桥接通道音频功率IC Max Power 41 W BTL x 4 ch Audio Power IC From old datasheet system IC,AUDIO AMPLIFIER,QUAD,BIPOLAR,ZIP,25PIN,PLASTIC
|
Toshiba, Corp. Toshiba Semiconductor
|
TA8259H TA8259 |
Max Power 37 W BTL 4CH Audio Power IC MAX POWER 37 W BTL x 4CH AUDIO POWER IC
|
TOSHIBA[Toshiba Semiconductor]
|
TA8264AH |
Max Power 41 W BTL × 4 ch Audio Power IC Max Power 41 W BTL 4 ch Audio Power IC Max Power 41 W BTL 】 4 ch Audio Power IC
|
TOSHIBA[Toshiba Semiconductor]
|
TA8251AH |
Max Power 30W BTL 4ch Audio Power IC
|
TOSHIBA
|
KIA8262H KIA8262 |
BIPOLAR LINEAR INTEGRATED CIRCUIT (MAX POWER 43W QUAD BTL AUDIO POWER AMPLIFIER)
|
KEC[KEC(Korea Electronics)]
|
TA8276HQ |
Max Power 35 W BTL × 4 ch Audio Power IC Max Power 35 W BTL 】 4 ch Audio Power IC
|
Toshiba Semiconductor
|
TA8264AHQ |
Max Power 41 W BTL x 4 ch Audio Power IC
|
Toshiba Semiconductor
|
FAN2500_FAN2501 FAN2501S25 FAN2501S28 FAN2500X25 F |
Pch Power MOSFET; ; Package: TPS; R DS On (Ω): (max 0.2) (max 0.12); I_S (A): (max -5) Pch Power MOSFET; Surface Mount Type: N; Package: PW-MINI; R DS On (Ω): (max 0.76) (max 0.45); I_S (A): (max -2) From old datasheet system 100 mA CMOS LDO Regulators
|
Fairchild Semiconductor
|
TA7270P TA7271P TA727OP TOSHIBACORPORATION-TA727OP |
Inductor; Inductor Type:Standard; Inductance:40uH; Series:CMS; DC Resistance Max:0.008ohm; Package/Case:PCB Surface Mount; Core Material:Ferrite; Current, It rms:4.4A; Leaded Process Compatible:Yes; Leakage Inductance:0.34uH RoHS Compliant: Yes 5.8W DUAL AUDIO POWER AMPLIFIER 5.8W DUAL, 19W BTL AUDIO POWER AMPLIFIER From old datasheet system
|
Toshiba Corporation Toshiba Semiconductor
|
TA7274P |
12W BTL AUDIO POWER AMPLIFIER 12W BTL Audio Power Amolifier
|
Toshiba Semiconductor
|
TDA8563AQ TDA8563AQ/N2 |
TDA8563AQ; 2 x 40 W/2 Ohm stereo BTL car radio power amplifier with diagnostic facility 2 X 40 W/2 W stereo BTL car radio
|
Philips
|
BCP51115 |
45 V, 1 A PNP medium power transistors - Complement: BCP54 ; fT min: 115 MHz; hFE max: 250 ; hFE min: 40 ; I<sub>C</sub> max: 1000 mA; Polarity: PNP ; Ptot max: 1300 mW; VCEO max: 45 V; Package: SOT223 (SC-73); Container: Tape reel smd
|
NXP SEMICONDUCTORS
|