PART |
Description |
Maker |
MU9C1480L-12DC MU9C1480L-12DI MU9C1480L-70DC MU9C1 |
90ns 3.3V 8192 x 64 MU9C1480A/L LANCAM 70ns 3.3V 8192 x 64 MU9C1480A/L LANCAM 120ns 3.3V 8192 x 64 MU9C1480A/L LANCAM 90ns 5.0V 8192 x 64 MU9C1480A/L LANCAM 70ns 5.0V 8192 x 64 MU9C1480A/L LANCAM 120ns 5.0V 8192 x 64 MU9C1480A/L LANCAM The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM) Content Addressable Memory 内容可寻址存储
|
MUSIC Semiconductors List of Unclassifed Manufacturers Atmel, Corp.
|
MAX5012 MAX5012AEPI MAX5012AEQI MAX5012BEPI MAX501 |
12-Bit, 100Msps ECL DAC PARALLEL, WORD INPUT LOADING, 0.013 us SETTLING TIME, 12-BIT DAC, PDIP28 12-Bit / 100Msps ECL DAC
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products]
|
100395QC 100395 100395QCX 100395CW |
ECL-to-TTL Translator 9 ECL TO TTL TRANSLATOR, TRUE OUTPUT, PQCC28 Low Power 9-Bit ECL-to-TTL Translator with Registers(低功耗、单电源、带寄存器的9位ECL电平到TTL电平转换 From old datasheet system Low Power Hex TTL-to-ECL Translator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|
MC100EP35DR2 MC100EP33D NB100LVEP17MN |
3.3V / 5V ECL JK Flip Flop 3.3V / 5V ECL ÷4 Divider 2.5 V / 3.3 V ECL Quad Differential Driver/Receiver
|
ON Semiconductor
|
MC100LVE310FN MC100LVE31006 MC100LVE310FNG MC100LV |
3.3V ECL 2:8 Differential Fanout Buffer(3.3V ECL 2 差分输出缓冲 3.3V的差分ECL 2:8扇出缓冲器(3.3 ECL 2:8差分输出缓冲器)
|
ONSEMI[ON Semiconductor]
|
BUS-61570-830K BUS-61571-830K BUS-61571-XXXX BUS-6 |
MIL-STD-1553 Bc-rt-mt Integrated Terminal Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection Small Signal Bias Resistor Transistor, PNP, 50 V 5 V ECL 2 Divider 9-Bit ECL to TTL Translator 2.5 V / 3.3 V ECL 2-Input Differential AND/NAND MIL-STD-1553B NOTICE 2 ADVANCED INTEGRATED MUX HYBRIDS WITH ENHANCED RT FEATURES (AIM-HYer) 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer 5V ECL JK Flip-Flop 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer 5V ECL 2:1 Multiplexer 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer
|
List of Unclassifed Man... Data Device ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. http://
|
MC10H68006 MC10H680FNR2G MC100H680 MC100H680FN MC1 |
Quad Bus TRS/Rectifier ECL Differential; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 QUAD TTL TO ECL TRANSCEIVER, COMPLEMENTARY OUTPUT, PQCC28 4−Bit Differential ECL Bus to TTL Bus Transceiver
|
ONSEMI[ON Semiconductor]
|
MC100H602 MC100H602FN MC10H602 MC10H602FN ON0790 |
9-Bit Latch TTL/ECL Translator TTL TO ECL TRANSLATOR, TRUE OUTPUT, PQCC28 From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc ONSEMI[ON Semiconductor]
|
MMC4599 MMC4099 |
8-bit addressable latch
|
Microelectronica
|
SN74LS259-D |
8-Bit Addressable Latch
|
ON Semiconductor
|