PART |
Description |
Maker |
LTC1531 LTC1531CSW |
Self-Powered Isolated Comparator
|
Linear Technology
|
1B21-15 |
Isolated, Loop-Powered Voltage-to-Current Converter
|
Analog Devices
|
1B21AN 1B21 |
Isolated/ Loop-Powered Voltage-to-Current Converter Isolated, Loop-Powered Voltage-to-Current Converter
|
Analog Devices, Inc. AD[Analog Devices]
|
CA82C37A-8ED CA82C37A-5ED CA82C37A-10CD CA82C37A-1 |
/- 15 kV ESD protected 5 V RS-232 transceiver 3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver DMA Controller 5 V powered multi-channel RS-232 drivers and receivers DMA控制
|
Linear Technology, Corp.
|
MAX244C/D MAX236C/D MAX245C/D MAX232AC/D MAX237C/D |
Transceiver Line Driver +5V-powered,Multi-Channel RS-232 driver / receiver +5V-Powered,Multi-Channel RS-232 Drivers/Receivers
|
Maxim Integrated Products, Inc. 收发
|
HIN208CB-T HIN211CA-T HIN211CB-T HIN213CA-T HIN207 |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDSO16 5V Powered RS-232 Transmitters/Receiverswith 0.1Microfarad External Capacitors 5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
|
Intersil, Corp. INTERSIL[Intersil Corporation] Harris Corporation
|
5962-9224605MLX 5962-9224605M3X 5962-9224602MLX 59 |
Single 8-bit Bus Transceiver 3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 位总线收发
|
Electronic Theatre Controls, Inc.
|
MAX218 MAX218CAP MAX218CPP MAX218CWP MAX218EAP MAX |
From old datasheet system 1.8V to 4.25V-Powered, True RS-232 Dual Transceiver 1.8V to 4.25V Powered, True RS-232 Dual Transceiver 1.8V to 4.25V-Powered / True RS-232 Dual Transceiver
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
ADUM6132 ADUM6132ARWZ ADUM6132ARWZ-RL |
Isolated Half-Bridge Driver with Integrated Isolated High-Side Supply
|
Analog Devices
|
TP78LU5.0-0.5 TP78LU12-0.5 TP78LU15-0.5 TP78LU24-0 |
Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
|
Toppower Electronic Tec...
|
ADUM613208 ADUM6132ARWZ ADUM6132ARWZ-RL ADUM6132 |
Isolated Half-Bridge Gate Driver with Integrated Isolated High-Side Supply
|
Analog Devices
|
HIN206E HIN211E HIN202E HIN208E HIN241E HIN232ECAZ |
QUAD LINE TRANSCEIVER, PDSO28 ESD保护5V的技术和RS - 232发送器/接收器(静电放电保护,正5V的电源电压的RS - 232收发器) ± 15kV的,ESD保护5V的技术和RS - 232发送器/接收器(± 15kV的ESD防护5V的电源电压,RS - 232接口收发器) /-15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 16-SSOP T&R DUAL LINE TRANSCEIVER, PDSO16 ±15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 24-SSOP T&R QUAD LINE TRANSCEIVER, PDSO24 /-15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 16-PDIP DUAL LINE TRANSCEIVER, PDIP16 ±15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers(±15kV ESD防护, 5V电源电压, RS-232收发 ± 15kV的,ESD保护V的技术和RS - 232发送器/接收器(± 15kV的ESD防护V的电源电压,RS - 232接口收发器) ±15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R TRIPLE LINE TRANSCEIVER, PDSO24 ±15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 24-SSOP TRIPLE LINE TRANSCEIVER, PDSO24 ±15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 24-SOIC TRIPLE LINE TRANSCEIVER, PDSO24
|
Intersil Corporation Intersil, Corp.
|